Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC600T Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC600T
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC600T Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  SC600T Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC600T Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quectel SC600T
Multi-mode Smart LTE Module
with Wi-Fi & Bluetooth
Variant for EMEA/India/Korea/Taiwan/South
Asia/Latin America/Australia/New Zealand
SC600T-EM*:
LTE FDD: B1/B2/B3/B4/B5/B7/B8/B20/B28
LTE TDD: B38/B39/B40/B41
WCDMA: B1/B2/B4/B5/B8
GSM: 850/900/1800/1900MHz
Variant for North America
SC600T-NA*:
LTE FDD: B2/B4/B5/B7/B12/B13/B14/B17/B25/
B26/B66/B71
LTE TDD: B41
WCDMA: B2/B4/B5
Variant for Japan
SC600T-JP*:
LTE FDD: B1/B3/B5/B8/B11/B18/B19/B21/B26/
B28
LTE TDD: B41
WCDMA: B1/B6/B8/B19
Variant for the Global
SC600T-WF*:
Only Support Wi-Fi & BT
Data
LTE:
Cat 6 FDD: Max 300Mbps (DL)/Max 50Mbps (UL)
Cat 6 TDD: Max 265Mbps (DL)/Max 35Mbps (UL)
UMTS:
DC-USDPA: Max 42Mbps (DL)
DC-HSUPA: Max 11.2Mbps (UL)
WCDMA: Max 384Kbps (DL/UL)
GSM:
GPRS: Max 107Kbps (DL)/85.6Kbps (UL)
EDGE: Max 296Kbps (DL)/236.8Kbps (UL)
Electrical Characteristics
Supply Voltage: 3.55V~4.4V, 3.8V Typ.
Consumption: 70uA @power off
3.6mA @sleep, Typ.
Output Power:
Class 4 (33dBm±2dB) for GSM850
Class 4 (33dBm±2dB) for EGSM900
Class 1 (30dBm±2dB) for DCS1800
Class 1 (30dBm±2dB) for PCS1900
Class E2 (27dBm±3dB) for GSM850 8-PSK
Class E2 (27dBm±3dB) for EGSM900 8-PSK
Class E2 (26dBm±3dB) for DCS1800 8-PSK
Class E2 (26dBm±3dB) for PCS1900 8-PSK
Class 3 (24dBm+1/-3dB) for WCDMA bands
Class 3 (23dBm±2dB) for LTE-FDD bands
Class 3 (23dBm±2dB) for LTE-TDD bands
Sensitivity :
TBD
Audio & Video
VoLTE:
Crystal Clear VoLTE with Ultra HD Voice and
SRVCC/CSFB
High Fidelity Music Playback of 24-bit/192kHz
Video:
Encode:
3840x2160 @30fps (HEVC/H.264)
1080p @30fps (MPEG-4/VP8)
864x480 @30fps (H.263)
Decode:
3840x2160 @30fps (HEVC/H.264,VP8/VP9)
1080p @60fps (VC-1/MPEG-4/)
1080p @30fps (DivX4.x/5.x/6.x,MPEG-2)
864x480 @30fps (H.263)
720x480 @30fps (DivX3.11)
Wi-Fi Display Supports up to 1080P at 30fps for
Encoding and Decoding
Interfaces
LCM:
4-lane MIPI_DSI0 + 4-lane MIPI_DSI1
WUXGA (1920×1200) @60fps
Camera:
3 Groups of 4-lane MIPI_CSI, up to 2.1Gbps/Lane
Support 3 or 4 Cameras
Up to 24MP with Dual ISPs
Touch Panel:
Capacitive Touch Panel
Audio:
Speaker, Earpiece, Headphone, and 3 MICs for
Analog Audio
Support One Noise-canceling MIC
USB:
Compliant with USB 3.0/2.0 , Support USB OTG
I2C: × 5
(U)SIM: × 2 (1.8V/2.95V)
UART: × 3 (Support 4Mbps with Hardware Flow
Control)
SD Card: × 1 (3.0, 4-bit SDIO)
PWRKEY: 1.8V, Pulled-up Internally
SPI: × 2 (Can be Multiplexed into UART and I2S
Respectively, and I2S Supports Both Tx and Rx)
ADC: × 2
GPIO: × 19
Motor Drive: × 1
Flash Driver: × 2
LED Sink: × 4
Antenna: 4 Solder Pads for Main/Rx-diversity/
GNSS/Wi-Fi & BT Antennas, Respectively
Enhanced Features
WLAN:
2.4G/5G, 802.11 a/b/g/n/ac
Bluetooth:
BT2.1+EDR/3.0/4.1 LE/4.2 BLE
GNSS: GPS/GLONASS/BeiDou
Cat 6 Modem with 2x20MHz CA
Support Rx-diversity , DL MIMO 2 × 2
Support 3GPP E-UTRA Release 12
Bandwidth: 1.4/3/5/10/15/20MHz
Built-in Charge IC & Fuel Gauge,
Qualcomm Quick Charge 3.0 (Optional)
Support Dual LCDs for Independent Display
Support Dual SIM Dual Standby
Firmware Upgrade via USB Interface
General Features
OS: Android 9.0
Memory:
16GB eMMC+2GB LPDDR3 (Default)
32GB eMMC+4GB LPDDR3 (Optional)
Operating Temperature: -35°C ~ +65°C
Dimensions: 43.0mm × 44.0mm × 2.85mm
Package: LCC+LGA
Weight: Approx. 13.0g
* Under Development
Copyright © 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
44.0mm
2.85mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com