Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC20 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # SC20
Description  Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

SC20 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  SC20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. SC20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. SC20 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quectel SC20 Series
Multi-mode Smart LTE Module
with Wi-Fi & Bluetooth
SC20 series is Quectel’s new generation of multi-mode Smart LTE Cat 4 module. It contains five variants with built-in Android
OS: SC20-E, SC20-A, SC20-AU, SC20-J and Wi-Fi & BT only version SC20-W. Additionally, it contains five variants with built-in
Yocto Linux OS: SC20-EL, SC20-AL, SC20-AUL, SC20-JL and Wi-Fi & BT only version SC20-WL.
SC20 series module delivers maximum data rates of up to 150 Mbps downlink and 50 Mbps uplink based on LTE network, and
supports wireless communication via IEEE 802.11a/b/g/n and BT 4.2 LE. It is an ideal solution for both industrial and
consumer applications requiring high data rates and high-speed Internet access. The module is backward-compatible with
existing EDGE and GSM/GPRS networks, ensuring connection even in remote areas devoid of 3G or 4G coverage.
SC20 series module supports multiple-input multiple-output (MIMO) technology. The use of multiple antennas at the receiver
end at the same time and on the same frequency band greatly minimizes errors and optimizes the data speed. The module
also combines high-speed wireless connectivity with embedded multi-constellation and high-sensitivity GNSS (GPS, GLONASS,
Galileo and BeiDou) receiver for positioning.
A rich set of interfaces (such as LCM, Camera, Touch Panel, MIC, SPK, UART, USB, I2C) extend the applicability of the module
to a wide range of M2M applications, such as MID, PND, POS, router, data card, in-vehicle solutions, smartphone, digital
signage, security and industrial PDA.
Key Features
Integration of Android OS or Yocto Linux OS, Wi-Fi, Bluetooth
and GNSS
Worldwide LTE, UMTS/HSPA+ and GSM/GPRS/EDGE coverage
MIMO technology which meets demands for data rate and link
reliability in modem wireless communication systems
Multi-constellation GNSS receiver available for applications
requiring fast and accurate fixes in any environment
LCC + LGA package which ensures reliable connectivity with
applications
Version: 1.9 | Status: Released
40.5 mm
2.8 mm
Smart LTE Cat 4
Max. 150 Mbps (DL)
Max. 50 Mbps (UL)
LCC + LGA
Package
Powerful Multimedia
Functions
GPS/GLONASS/
Galileo/BeiDou
USB 2.0 High Speed
Interface
BT 4.2
(BR/EDR + BLE)
IEEE 802.11
a/b/g/n
Yocto Linux OS
Android OS
EMAIL US: info@quectel.com
VISIT US: www.quectel.com


Similar Part No. - SC20

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
logo
Pro-Power
SC20 PROPOWER-SC20 Datasheet
114Kb / 2P
Conduit Accessories
01/02/08 V1.0
logo
List of Unclassifed Man...
SC20-1 ETC2-SC20-1 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC20-D6 ETC2-SC20-D6 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
logo
M-System Co.,Ltd.
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results

Similar Description - SC20

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com