Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC300-CS Datasheet(PDF) 4 Page - DFI Inc

Part # RC300-CS
Description  AI-Enabled Railway Embedded System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RC300-CS Datasheet(HTML) 4 Page - DFI Inc

  RC300-CS Datasheet HTML 1Page - DFI Inc RC300-CS Datasheet HTML 2Page - DFI Inc RC300-CS Datasheet HTML 3Page - DFI Inc RC300-CS Datasheet HTML 4Page - DFI Inc RC300-CS Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
ENVIRONMENT
Operating Temperature
-25°C to 70°C with when CPU+GPU<100W, up to +85°C for 10min
-25°C to 55°C with when CPU+GPU<160W, up to +70°C for 10min
CPU throttling at high temperature is acceptable
Storage Temperature
-40 to 85°C
Relative Humidity
10% to 90% (non-condensing)
STANDARDS
AND
CERTIFICATIONS
Shock (SSD/HDD)
EN61373: 2010, Category 1 Class A & Class B
Vibration
EN61373: 2010, Category 1 Class B
IP rating
IP40
Certification
CE, FCC Class B (Tested with Adapter)
EMC: EN50121-3-2
Safety: EN50153, EN50124-1
Fire Proof: EN45545
Railway Regulation: EN50155 (Class S2: 10ms interruptions)
(Supply Change Over Class C1: at 0,6 Un during 100ms without interruptions)
SPECIFICATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com