Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDUC2FD5VB Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # PESDUC2FD5VB
Description  ESD Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

PESDUC2FD5VB Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  PESDUC2FD5VB Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PESDUC2FD5VB
DFN1006-2L
3 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Fig 3.Typical Breakdown Voltage vs. Temperature
Fig 4.Typical Leakage Current vs. Temperature
Fig 5. Clamping voltage vs. Peak pulse current
Fig 6. Non-Repetitive Peak Pulse Power vs. Pulse time
0
25
50
75
100
125
150
Temperature (ºC)
6.3
6.5
6.7
6.9
7.1
7.3
-55
+25
+150
0
4
8
12
16
20
Temperature (ºC)
25
20
15
10
5
0
Pulse waveform: tp=8/20us
0
1
3
56
IPP-Peak pulse current (A)
1000
100
10
1
1
10
100
1000
Pulse Duration(us)
2
4
Fig 1.Pulse Waveform
Fig 2.Power Derating Curve
100
80
60
40
20
0
100
80
60
40
20
0
0
5
10
15
20
25
30
0
25
50
75
100
125
150
t - Time -μs
TL – Lead Temperature - ℃
tP =20μs(IPP /2)
tf=8μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com