Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2501 Datasheet(PDF) 1 Page - Microchip Technology

Part # TN2501
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2501 Datasheet(HTML) 1 Page - Microchip Technology

  TN2501 Datasheet HTML 1Page - Microchip Technology TN2501 Datasheet HTML 2Page - Microchip Technology TN2501 Datasheet HTML 3Page - Microchip Technology TN2501 Datasheet HTML 4Page - Microchip Technology TN2501 Datasheet HTML 5Page - Microchip Technology TN2501 Datasheet HTML 6Page - Microchip Technology TN2501 Datasheet HTML 7Page - Microchip Technology TN2501 Datasheet HTML 8Page - Microchip Technology TN2501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2018 Microchip Technology Inc.
DS20005948A-page 1
TN2501
Features
• Low Threshold
• High Input Impedance
• 110 pF Maximum Low-Input Capacitance
• Fast Switching Speeds
• Low On-Resistance
• Free from Secondary Breakdown
• Low Input and Output Leakage
Applications
• Logic-Level Interfaces (Ideal for TTL and CMOS)
• Solid-State Relays
• Battery-Operated Systems
• Photovoltaic Drives
• Analog Switches
• General Purpose Line Drivers
• Telecommunication Switches
General Description
The
TN2501
low-threshold
Enhancement-mode
(normally-off) transistor uses a vertical Diffusion Metal
Oxide Semiconductor (DMOS) structure and a
well-proven silicon-gate manufacturing process. This
combination produces a device with the power
handling capabilities of bipolar transistors and the high
input impedance and positive temperature coefficient
inherent
in
Metal-Oxide
Semiconductor
(MOS)
devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally
induced secondary breakdown.
Microchip’s vertical DMOS Field-Effect Transistors
(FETs) are ideally suited to a wide range of switching
and amplifying applications where very low threshold
voltage,
high
breakdown
voltage,
high
input
impedance, low input capacitance and fast switching
speeds are desired.
Package Type
See Table 3-1 for pin information.
3-lead SOT-89
(Top view)
GATE
SOURCE
DRAIN
DRAIN
N-Channel Enhancement-Mode Vertical DMOS FET


Similar Part No. - TN2501

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
598Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
TN2501N8 SUTEX-TN2501N8 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501N8-G SUTEX-TN2501N8-G Datasheet
598Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
TN2501ND SUTEX-TN2501ND Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TN2501

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com