Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF4392 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPF4392
Description  JFETs Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF4392 Datasheet(HTML) 4 Page - ON Semiconductor

  MPF4392 Datasheet HTML 1Page - ON Semiconductor MPF4392 Datasheet HTML 2Page - ON Semiconductor MPF4392 Datasheet HTML 3Page - ON Semiconductor MPF4392 Datasheet HTML 4Page - ON Semiconductor MPF4392 Datasheet HTML 5Page - ON Semiconductor MPF4392 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPF4392 MPF4393
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IDSS, ZERO–GATE VOLTAGE DRAIN CURRENT (mA)
20
10
30
40
50
30 40
50 60
70
20
0
10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
70
60
80
90
100
80 90 100 110 120 130 140 150
NOTE 2
The Zero–Gate–Voltage Drain Current (IDSS), is the principle
determinant of other J–FET characteristics. Figure 10 shows
the relationship of Gate–Source Off Voltage (VGS(off)) and
Drain–Source On Resistance (rds(on)) to IDSS. Most of the
devices will be within
±10% of the values shown in Figure 10.
This data will be useful in predicting the characteristic variations
for a given part number.
For example:
Unknown
rds(on) and VGS range for an MPF4392
The electrical characteristics table indicates that an MPF4392
has an IDSS range of 25 to 75 mA. Figure 10 shows rds(on) = 52
Ohms for IDSS = 25 mA and 30 Ohms for IDSS = 75 mA. The
corresponding VGS values are 2.2 volts and 4.8 volts.
Figure 10. Effect of IDSS On Drain–Source
Resistance and Gate–Source Voltage
Tchannel = 25°C
rDS(on) @ VGS = 0
VGS(off)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com