Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3347CPTR Datasheet(PDF) 54 Page - Microchip Technology

Part # USB3347CPTR
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3347CPTR Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB3347CPTR Datasheet HTML 50Page - Microchip Technology USB3347CPTR Datasheet HTML 51Page - Microchip Technology USB3347CPTR Datasheet HTML 52Page - Microchip Technology USB3347CPTR Datasheet HTML 53Page - Microchip Technology USB3347CPTR Datasheet HTML 54Page - Microchip Technology USB3347CPTR Datasheet HTML 55Page - Microchip Technology USB3347CPTR Datasheet HTML 56Page - Microchip Technology USB3347CPTR Datasheet HTML 57Page - Microchip Technology USB3347CPTR Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
USB334x
DS00002646A-page 54
2009-2018 Microchip Technology Inc.
6.4.2
TYPICAL USB TRANSMIT WITH ULPI
Figure 6-9 shows a typical USB transmit sequence. A transmit sequence starts by the Link sending a TX CMD where
DATA[7:6] = 01b, DATA[5:4] = 00b, and Data[3:0] = PID. The TX CMD with the PID is followed by transmit data.
During transmit the PHY will use NXT to control the rate of data flow into the PHY. If the USB334x pipeline is full or bit-
stuffing causes the data pipeline to overfill NXT is de-asserted and the Link will hold the value on Data until NXT is
asserted. The USB Transmit ends when the Link asserts STP while NXT is asserted.
After the USB334x completes transmitting, the DP and DM lines return to idle and a RXCMD is returned to the Link so
the inter-packet timers may be updated by linestate.
While operating in Full Speed or Low Speed, an End-of-Packet (EOP) is defined as SE0 for approximately two bit times,
followed by J for one bit time. The transceiver drives a J state for one bit time following the SE0 to complete the EOP.
The Link must wait for one bit time following line state indication of the SE0 to J transition to allow the transceiver to
complete the one bit time J state. All bit times are relative to the speed of transmission.
In the case of Full Speed or Low Speed, after STP is asserted each FS/LS bit transition will generate a RXCMD since
the bit times are relatively slow.
6.4.2.1
Link Power Management Token Transmit
A Host Link can send a LPM command using the USB334x. When sending the LPM token the normal transmit method
is not used. Sending a LPM token requires the USB334x to send a 0000b or ‘F0’ PID. When the ULPI specification was
defined the ‘F0’ PID was not defined. The ULPI specification used the “Reserved” ‘F0’ PID to signal chirp and resume
signaling while using OpMode 10b. While in OpMode 00b the USB334x is able to generate the ‘F0’ PID as shown below.
FIGURE 6-9:
ULPI TRANSMIT IN SYNCHRONOUS MODE
Note:
The Link cannot assert STP with NXT de-asserted since the USB334x is expecting to fetch another byte
from the Link.
DATA[7:0]
DP/DM
DIR
CLK
STP
NXT
TXD CMD
(USB tx)
Idle
D0
D2
D3
IDLE
SE0
!SQUELCH
SE0
Turn
Around
Turn
Around
RXD
CMD
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com