Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-682 Datasheet(PDF) 2 Page - Power Sonic Corporation

Part # PS-682
Description  Rechargeable Sealed Lead Acid Battery PS ??General Purpose Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SONIC [Power Sonic Corporation]
Direct Link  https://www.power-sonic.com/
Logo POWER-SONIC - Power Sonic Corporation

PS-682 Datasheet(HTML) 2 Page - Power Sonic Corporation

  PS-682 Datasheet HTML 1Page - Power Sonic Corporation PS-682 Datasheet HTML 2Page - Power Sonic Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.power-sonic.com
To ensure safe and efficient operation always refer to the latest edition of our Technical Manual, as published on our website.
© 2018. Power-Sonic Corporation. All rights reserved. All trademarks are the property of their respective owners.
All data subject to change without notice. E&O.E
POWER-SONIC EMEA
(EMEA – EUROPE, MIDDLE EAST AND AFRICA)
Smitspol 4, 3861 RS Nijkerk,
The Netherlands
T NL: + 31 33 7410 700
T UK: + 44 1268 560 686
T FR: + 33 344 32 18 17
E: salesEMEA@power-sonic.com
GLOBAL HEADQUARTERS
(USA AND INTERNATIONAL EXCLUDING EMEA)
Power-Sonic Corporation
365 Cabela Dr Suite 300,
Reno, Nevada 89523
USA
T: +1 619 661 2020
E: customer-service@power-sonic.com
SHELF LIFE & STORAGE
LIFE CHARACTERISTICS IN STAND-BY USE
Standing Period (Months)
100
80
60
40
0
0
2
4
6
8
10
12 14 16 18 20
40oC
(104oF)
30
oC
(86
oF)
20oC
(68oF)
5oC
(41oF)
Charging is not
necessary unless
100% of capacity
is required.
Charging before
use is necessary
to help recover
full capacity.
100
80
60
40
20
0
0
1
23
4
5
Ambient Temperature 20˚C (68˚F)
Float Charging Voltage
2.25 - 2.30 V/Cell
Years
SHELF LIFE & STORAGE
LIFE CHARACTERISTICS IN STAND-BY USE
Standing Period (Months)
100
80
60
40
0
0
2
4
6
8
10
12 14 16 18 20
40oC
(104oF)
30
oC
(86
oF)
20oC
(68oF)
5oC
(41oF)
Charging is not
necessary unless
100% of capacity
is required.
Charging before
use is necessary
to help recover
full capacity.
100
80
60
40
20
0
0
1
23
4
5
Ambient Temperature 20˚C (68˚F)
Float Charging Voltage
2.25 - 2.30 V/Cell
Years
SHELF LIFE & STORAGE
LIFE CHARACTERISTICS IN STAND-BY USE
CHARGING
Cycle Applications: Apply constant voltage charge at
2.35v/c – 2.45v/c (14.1 – 14.7v for 12v Monobloc) at 20°C.
Initial charging current should be set at less than 0.25C
Amps. Switch to float charge to avoid overcharging.
“Float” or “Stand-By” Service: Apply constant voltage
charge of 2.25v/c – 2.30v/c (13.5 to 13.8 volts for 12v
Monobloc at 20°C. When held at this voltage, the battery
will seek its own current level and maintain itself in a fully
charged condition.
Temperature Compensation: Charging Voltage for both
Cyclic and Standby applications should be regulated in
relation to ambient temperature. As temperature rises
charging voltage should be reduced to prevent overcharge
and increased as temperature falls to avoid undercharge.
For further charging information including temperature
compensation factors, see Power Sonic Technical Manual/
Power Sonic Charger specifications.
CHARGERS
Power Sonic offers a wide range of chargers suitable
for batteries with a variety of capacities.
Please refer to our website for more information on
our switch mode and transformer type chargers.
Please contact our technical department for advice if
you have difficulty in locating a suitable charger.
FURTHER INFORMATION
Please refer to our website www.power-sonic.com
for a complete range of useful downloads, such as
product catalogs, material safety data sheets (MSDS),
ISO certification, etc.
APPLICATIONS
• General purpose
• Emergency lighting
• Medical
• Fire and security
PS-682 6V8.50AH@20-hr.
6V 7.91 AH @ 10-hr.
Rechargeable Sealed Lead Acid Battery
PS – General Purpose Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com