Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2873 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC2873
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC2873 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC2873 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2873 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC2873 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2873 SOT-89
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
1
2
3
■ Simplified outline(SOT-89)
1.Base
2.Collector
3.Emitter
NPN Transistors
■
Features
●
Small Flat Package
●
High Speed Switching Time
●
Low Collector-emitter saturation voltage
●
Complementary to 2SA1213
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
50
Collector - Emitter Voltage
VCEO
50
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
2
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance From Junction To Ambient
RθJA
250
℃
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100uA, IE= 0
50
Collector- emitter breakdown voltage
VCEO
Ic= 1mA, IB= 0
50
Emitter - base breakdown voltage
VEBO
IE= 100uA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 50V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=1A, IB=50mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=1A, IB=50mA
1.2
VCE= 2V, IC= 0.5A
70
240
VCE= 2V, IC= 2A
20
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
30
pF
Transition frequency
fT
VCE= 2V, IC= 0.5A
120
MHz
V
uA
V
DC current gain
hFE
■
Classification of hfe(1)
Type
2SC2873-O
2SC2873-Y
Range
70-140
120-240
Marking
MO
MY
■


Similar Part No. - 2SC2873

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
187Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2873 KEXIN-2SC2873 Datasheet
63Kb / 2P
Silicon PNP Epitaxial Type
logo
SeCoS Halbleitertechnol...
2SC2873 SECOS-2SC2873 Datasheet
219Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Toshiba Semiconductor
2SC2873 TOSHIBA-2SC2873 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Shenzhen Jin Yu Semicon...
2SC2873 HTSEMI-2SC2873 Datasheet
413Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2873

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com