Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3356 Datasheet(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC3356
Description  NPN Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC3356 Datasheet(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC3356 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC3356 SOT23-3L
4 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Package Outline
SOT23-3L
Summary of Packing Options
Package
Package Description
Packing Quantity
Industry Standard
SOT23-3L
Tape/Reel,7
”reel
3000
EIA-481-1
UNIT
mm
1.50
1.70
0.35
0.50
0
0.10
0.45
0.55
1.9
0.10
0.20
0.85
1.15
DIMENSIONS (mm are the original dimensions)
0.40
-
A
2.70
3.10
B
2.65
2.95
C
D
E
F
G
H
K
J
L
M
0°
10°
1.00
1.30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com