Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCL6045B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PCL6045B
Description  User Manual For PCL6045B Pulse Control LSI
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCL6045B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PCL6045B Datasheet HTML 17Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 18Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 19Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 20Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 21Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 22Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 23Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 24Page - List of Unclassifed Manufacturers PCL6045B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 176 page
background image
- 14 -
6-3. CPU interface circuit block diagram
1) Z80 interface
2) 8086 interface
Decode 
circuit
 Z80 
 PCL6045B
M1
 A5-A7
      A0-A3
        INT
       IORQ
         RD
         WR
CLK
 CS
              IF1
              IF0
 A0-A3
 INT
 RD
 WR
 System reset 
WAIT
      D0-D7
 
RESET
WRQ
D0-D7
RST
+5V
CLK
Interrupt
control 
circuit
8086
PCL6045B
 M/IO
        ALE
    A16-A19
   AD0-AD15
CLK
CS
        
 +5V
CLK
A1-A4
 A5-A19
Latch
A1-A19
 GND
 GND
+5V
 System reset
 System reset
Decode 
circuit
INTR
       INTA
 
RD
         WR
      READY
      RESET
MN/MX
INT
RD
WR
WRQ
RST
             IF1
             IF0
A1-A4
A0
D0-D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com