Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1950 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1950
Description  750 mA High Side Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1950 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1950 Datasheet HTML 1Page - National Semiconductor (TI) LM1950 Datasheet HTML 2Page - National Semiconductor (TI) LM1950 Datasheet HTML 3Page - National Semiconductor (TI) LM1950 Datasheet HTML 4Page - National Semiconductor (TI) LM1950 Datasheet HTML 5Page - National Semiconductor (TI) LM1950 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
Continuous
26V
Transient (us 100 ms)
b
50V to a60V
Reverse Polarity (continuous)
b
15V
OnOff Voltage
b
03V to a60V
Power Dissipation
Internally Limited
Load Inductance
150 mH
Maximum Junction Temperature
150 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature
(Soldering 10 seconds)
230 C
ESD Susceptibility (Note 2)
2000V
Operating Ratings (Note 1)
Temperature Range (TA)
b
40 Cto a125 C
Supply Voltage Range
475V to 26V
Thermal Resistances
Junction to Case (ij-c)3 CW
Case to Ambient (ic-a)50 CW
Electrical Characteristics
VCC e 14V IOUT e 150 mA unless otherwise indicated Boldface limits apply over the entire operating temperature range
b
40 C s TA s 125 C all other specifications are for TA e TJ e 25 C
Parameter
Conditions
Typical
Limit
Units
(Limit)
Supply Voltage
Operational
475 475
V (Min)
26 26
V (Max)
Survival
b
15 b15
VDC (Min)
Transient
t e 1 ms u e 100 ms
60 60
V (Max)
1% dutycycle
b
50 b50
V (Min)
Supply Current
VONOFF e 08V
20
100 100
m
A(Max)
VONOFF e 20V
IOUT e 0 mA
5
10 10
mA (Max)
IOUT e 250 mA
275
350 350
mA (Max)
IOUT e 500 mA
550
700 700
mA (Max)
IOUT e 750 mA
825
950 950
mA (Max)
Input to Output
IOUT e 250 mA
030
05 06
V (Max)
Voltage Drop
IOUT e 500 mA
050
07 10
V (Max)
IOUT e 750 mA
075
11 14
V (Max)
Short Circuit Current
15
10 075
A (Min)
20 20
A (Max)
Output Leakage Current
VONOFF e 08V
10
50 50
m
A (Max)
ONOFF Input
14
08 08
V (Min)
Threshold Voltage
20 20
V (Max)
ONOFF Input Current
VONOFF e 08V
01
5 10
m
A (Max)
VONOFF e 20V
1
10 20
m
A (Max)
VONOFF e 525V
50
100 100
m
A (Max)
Overvoltage Shutdown
33
27 27
V (Min)
Threshold
37 37
V (Max)
Inductive Clamp
VONOFF e 2V to 08V
b
45
b
120 b120
V (Max)
Output Voltage
IOUT e 100 mA
b
40 b40
V (Min)
Output Turn-On Delay
VONOFF 08V to 2V
42
20
m
s
Output Turn-Off Delay
VONOFF 2V to 08V
45
20
m
s
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating Ratings indicate conditions for which the device is
intended to be functional but do not guarantee specific performance limits For guaranteed specifications and test conditions see the Electrical Characteristics
Note 2
Human body model 100 pF discharged through a 15 kX resistor
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com