Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD2KB10 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UD2KB10
Description  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UD2KB10 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UD2KB10 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD2KB10 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD2KB10 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UD2KB10 THRU UD2KB100 D3K
3 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
D3K
D3K
500
BOX
Package Outline
Summary of Packing Options
Package
Packing Description
Packing Quantity
Industry Standard
EIA-481-1
Dimensions in inches and (milimeters)
R2
~
~
-
+
4
3
2
1
4
3
2
1
.531(13.5)
.555(14.1)
.059(1.5)
.043(1.1)
.034(0.86)
.026(0.66)
.162
.138
(3.51)
(4.11)(4.11)
(3.51)
.138
.162
(4.11)
(3.51)
.138
.162
.057(1.45)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.055(1.4)
.039(1.0)
.094(2.4)
.071(1.8)
.024(0.6)
.016(0.4)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com