Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD2KB20 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UD2KB20
Description  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UD2KB20 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UD2KB20 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD2KB20 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UD2KB20 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD2KB10 THRU UD2KB100 D3K
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 100 to 1000 V
Forward Current
– 2.0A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: D3K
Terminals: Solderable per MIL-STD-202E, Method 208C
Case:UL-94 Class V-0 recognized Flane Retardant Epoxy
1.Input pin(+)
2.Input pin(~)
3.Output Anode(~)
4.Output Cathode(-)
D3K
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
UD2KB10 UD2KB20 UD2KB40 UD2KB60 UD2KB80 UD2KB100
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current
I(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC method)
IFSM
60
A
Forward Voltage per element @IF =2A DC
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
Ta=25°C
IR
10
μA
@Ta=125°C
500
I2t Rating for Fusing(3ms
≤t≤8.3ms)
I
2t
14.94
A
2S
Maximum Typical Thermal
Resistance
wwithout heatsink
RθJA
RθJC
RθJL
55
1.5
15
°C/W
wwith heatsink
wwithout heatsink
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Device mounted on 50mm*50mm*1.6mm Cu plate heatsink.


Similar Part No. - UD2KB20

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD2KB20 MCC-UD2KB20 Datasheet
488Kb / 3P
High surge forward current capability
logo
Zibo Seno Electronic En...
UD2KB20 ZSELEC-UD2KB20 Datasheet
118Kb / 2P
2.0A BRIDGE RECTIFIER
logo
Micro Commercial Compon...
UD2KB20 MCC-UD2KB20 Datasheet
312Kb / 3P
2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Zibo Seno Electronic En...
UD2KB20 ZSELEC-UD2KB20 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
UD2KB20 ASEMI-UD2KB20 Datasheet
153Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - UD2KB20

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2KBP005M WTE-2KBP005M Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005 WTE-GBP2005 Datasheet
47Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP200G WTE-KBP200G Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_1 Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
Zibo Seno Electronic En...
DB201 ZSELEC-DB201 Datasheet
73Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DBF205 ZSELEC-DBF205 Datasheet
162Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D2KB1 YFWDIODE-D2KB1 Datasheet
469Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DB202 YFWDIODE-DB202 Datasheet
437Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP201 YFWDIODE-KBP201 Datasheet
875Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_V01 Datasheet
340Kb / 5P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
June 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com