Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMOD4510 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZMOD4510
Description  Gas Sensor Module for Outdoor Air Quality
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZMOD4510 Datasheet HTML 1Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 2Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 3Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 4Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 5Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ZMOD4510 Datasheet
© 2020 Renesas Electronics Corporation
5
February 7, 2020
5. Electrical Characteristics
The following values are valid at operating conditions unless noted otherwise.
Table 4.
Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Average Power ZMOD4510
Continuous operation
21
mW
0IACTIVE
Supply Current, Active Mode including
Heater Current.
At VDD = 1.8V
11
mA
At VDD = 3.3V
8
mA
ISLEEP
Supply Current, Sleep Mode ASIC,
No Wake-up Timer Active
Does not include sensor heater
current
450
nA
PSRR
Power Supply Rejection Ratio
VDD ≥ 2.0V
30
dB
Timing Accuracy
(Valid for Measurements Only);
(Sleep Timer is ±20%)
At room temperature; for timings
derived from the internal clock
-2
2
%
Over-temperature range; for timings
derived from the internal clock
-0.1
0.1
%/K
rADC
ADC Resolution
10
16
Bit
tSTA1
Start-up Time: VDD Ramp up to
Interface Communication
1
ms
tSTA2
Start-up Time: VDD Ramp up to Analog
Operation
2.5
ms
tWUP1
Wake-up Time for Sleep to Active
Mode: Interface Communication
0.5
ms
tWUP2
Wake-up Time for Sleep to Active
Mode: Analog Operation
2
ms
fC,I2C
I2C Clock Frequency
400
kHz
tVPP
NVM Programming Time
6
16
ms
tRET_FTP
Data Retention
85°C junction temperature
10
years
NVM Programming Cycles
1000
cycles
Default Communication Address
7-bit slave address
33HEX
Blocking Capacitor for Power Supply
Ceramic type; recommended to be
placed close to gas sensor module
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com