Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS4500 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FS4500
Description  Safety Power System Basis Chip with CAN FD and LIN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS4500 Datasheet(HTML) 3 Page - NXP Semiconductors

  FS4500 Datasheet HTML 1Page - NXP Semiconductors FS4500 Datasheet HTML 2Page - NXP Semiconductors FS4500 Datasheet HTML 3Page - NXP Semiconductors FS4500 Datasheet HTML 4Page - NXP Semiconductors FS4500 Datasheet HTML 5Page - NXP Semiconductors FS4500 Datasheet HTML 6Page - NXP Semiconductors FS4500 Datasheet HTML 7Page - NXP Semiconductors FS4500 Datasheet HTML 8Page - NXP Semiconductors FS4500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NXP Semiconductors
FS6500, FS4500
Safety Power System Basis Chip with CAN FD and LIN Transceivers
FS6500-FS4500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 14 December 2017
3 / 20
Figure 3. FS4500C simplified application diagram - buck boost configuration - FS1B
5 Ordering information
5.1 Part numbers definition
MC33FS c 5 x y z AE/R2
Table 1. Part number breakdown
Code
Option
Variable
Description
4 series
Linear
c
6 series
VCORE type
DCDC
0
0.5 A or 0.8 A
1
1.5 A
x
2
VCORE current
2.2 A
0
none
1
FS1B
2
LDT
3
FS1B, LDT
y
4
Functions
LDT, VKAM ON by default
N
none
C
CAN FD
z
L
Physical interface
CAN FD and LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com