Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1799 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1799
Description  80 mA High-Voltage Automotive LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1799 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1799 Datasheet HTML 12Page - Microchip Technology MCP1799 Datasheet HTML 13Page - Microchip Technology MCP1799 Datasheet HTML 14Page - Microchip Technology MCP1799 Datasheet HTML 15Page - Microchip Technology MCP1799 Datasheet HTML 16Page - Microchip Technology MCP1799 Datasheet HTML 17Page - Microchip Technology MCP1799 Datasheet HTML 18Page - Microchip Technology MCP1799 Datasheet HTML 19Page - Microchip Technology MCP1799 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
 2019 Microchip Technology Inc.
DS20006248A-page 16
MCP1799
6.0
BATTERY PACK APPLICATION
The features of the MCP1799 make it a candidate for
use in smart battery packs. The high input voltage
range of up to 45V and the transient voltage capability
makes it ideal for powering low power microcontrollers
used for monitoring battery health.
FIGURE 6-1:
Smart Battery Pack Application Example.
Voltage
Sense
Current
Sense
Power
Disconnect
µController
Network
VBAT_1
VBAT_2
VBAT_n
VBAT_n-1
MCP1799
+VBAT
-VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com