Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG5 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # XG5
Description  XG5 SERIES CLIENT SSD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

XG5 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  XG5 Datasheet HTML 1Page - Toshiba Semiconductor XG5 Datasheet HTML 2Page - Toshiba Semiconductor XG5 Datasheet HTML 3Page - Toshiba Semiconductor XG5 Datasheet HTML 4Page - Toshiba Semiconductor XG5 Datasheet HTML 5Page - Toshiba Semiconductor XG5 Datasheet HTML 6Page - Toshiba Semiconductor XG5 Datasheet HTML 7Page - Toshiba Semiconductor XG5 Datasheet HTML 8Page - Toshiba Semiconductor XG5 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2 / 13
Copyright © 2017 Toshiba Memory Corporation. All rights reserved.
Client SSD XG5 Series Brochure Rev.1.00
Products and specifications discussed herein are for reference purposes
only and are subject to change without notice. All information discussed
herein is provided on an “as is” basis, without warranties of any kind.
Before creating and producing designs and using, customers must refer to
and comply with the latest versions of the product specifications.
Note: 1) Definition of capacity: Toshiba defines a megabyte (MB) as 1,000,000 bytes, a gigabyte (GB) as 1,000,000,000 bytes
and a terabyte (TB) as 1,000,000,000,000 bytes. A computer operating system, however, reports storage capacity using
powers of 2 for the definition of 1GB = 230 = 1,073,741,824 bytes and therefore shows less storage capacity. Available
storage capacity (including examples of various media files) will vary based on file size, formatting, settings, software
and operating system, such as Microsoft Operating System and/or pre-installed software applications, or media
content. Actual formatted capacity may vary.
2) 1 MiB (mebibyte) = 220 bytes = 1,048,576 bytes, and 1 MB (megabyte) = 1,000,000 bytes.
3) MTTF (Mean Time to Failure) is not a guarantee or estimate of product life; it is a statistical value related to mean
failure rates for a large number of products which may not accurately reflect actual operation. Actual operating life of the
product may be different from the MTTF.
* PCIe® and PCI Express® are registered trademarks of PCI-SIG
* NVMeTM and NVM ExpressTM are trademarks of NVM Express, Inc.
* Product image may represent a design model.
* Read and write speed may vary depending on the host device, read and write conditions, and file size.
Standard Models
M.2 2280-S2
(Single-sided)
Temperature
Operating
0 to 95 °C (Controller Temperature)
0 to 85 °C (Other Components Temperature)
Non-
operating
-40 to 85 °C
Reliability3)
Mean Time to Failure (MTTF): 1,500,000 hours
Product Life: Approximately 5 years
More Features
•
Device Self-test is supported.
•
Host Controlled Thermal Management (HCTM) is supported.
•
Strong & highly-efficient ECC named QSBCTM is supported.
•
TCG Pyrite Version 1.00 is supported.
•
Storage Interface Interactions Specification(SIIS) Version 1.06 is supported.
Compliance
UL, cUL, TÜV, KC, FCC, BSMI, CE, RCM, IC, VCCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com