Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SV250-7LP2 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # SV250-7LP2
Description  industrial SSD module, LDPC, Multi-Power Path technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SV250-7LP2 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  SV250-7LP2 Datasheet HTML 1Page - Apacer Technology Inc. SV250-7LP2 Datasheet HTML 2Page - Apacer Technology Inc. SV250-7LP2 Datasheet HTML 3Page - Apacer Technology Inc. SV250-7LP2 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overview
Apacer SV250-7LP2 (SATA Disk Module 7Pin/180 Degree Low Profile 2) is a
super-mini industrial SSD module, utilizing 3D NAND for higher capacity up to
240 GB and provides more power efficiency than 2D NAND. Designed in SATA
6.0 Gb/s interface, SV250-7LP2 can deliver outstanding performance up to 560
MB/s in reading and 510 MB/s in writing, highly suitable to serve as operating
system boot drive or storage media of important data.
SV250-7LP2 features Apacer Multi-PowerPath technology that provides three
methods to supply power to the host either via a conventional cable or cable-
less design via pin7 or state-of-art 7+2 pin connector, which in turn offers
developers maximum flexibility when it comes to board design.
Moreover, the device adopts the latest page mapping file translation layer and
thermal throttling function, making it a powerful yet compact solution for
space-limited design. Regarding reliability, SV250-7LP2 is implemented with
LDPC (Low Density Parity Check) ECC engine to extend SSD endurance and
increase data reliability while reading raw data inside a flash chip.
SV250-7LP2
‧ Low-Density Parity-Check (LDPC) Code
‧ Global Wear Leveling
‧ Flash bad-block management
‧ Flash Translation Layer: Page Mapping
‧ S.M.A.R.T.
‧ Power Failure Management
‧ Support TCG Opal 2.0/AES 256-bit encryption
Feature
‧ ATA Secure Erase
‧ TRIM Support
‧ Hyper Cache Technology
‧ Over-Provisioning
‧ DataRAID™
‧ SMART Read Refresh ™



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com