Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUSBLASTERV4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BUSBLASTERV4
Description  Bus Blaster v4 design overview
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BUSBLASTERV4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BUSBLASTERV4 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 2Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 3Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 4Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 5Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 6Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 7Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 8Page - List of Unclassifed Manufacturers BUSBLASTERV4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Bus Blaster v4 uses the 'H' version of the chip, the latest 3.3volt revision that supports JTAG adaptive
clocking. The circuit is based on a reference design from the FT2232H datasheet.
◾ See the FT2232H breakout board documentation for a complete explanation of the FT2232H
reference circuit
Buffered interface
The buffer translates voltage levels between the FT2232H (3.3volts) and a JTAG device
(1.5volts-3.3volts). The four main JTAG IO pins (TDI, TDO, TCK, TMS) are fixed on the FT2232, but
the other reset and control pins vary among programmers.
Bus Blaster v4 is buffered by a programmable logic chip (CPLD) that can be updated to imitate many
common buffer types. The CPLD programming pins are connected to the secondary JTAG interface on
the FT2232, so uploading a new buffer type is done entirely from software over USB.
Reprogramming logic
Bus Blaster v4 was designed primarily to support the SWV feature of advanced Cortex microcontroller
debugging. Basically the microcontroller has an extra serial UART channel to send debug or other info
back to the programmer. This is implemented by using the second JTAG engine of the FT2232 as a
serial UART input and passing the info to the user through a serial terminal or whatever.
The Bus Blaster v2/v3 used the secondary JTAG block to program the CPLD with different buffer
interfaces. These pins cannot be recycled for use with SWV in the v2/v3 hardware. In v4 we use two
Page 5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com