Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG402 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG402
Description  RG402 Coax Cable with Copper Outer Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG402 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG402 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
Pasternack does not make
1
Configuration
• Semi-Rigid Cable
• M17/130-RG402
• 1 Shield(s)
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
34
GHz
Impedance
50
Ohms
Velocity of Propagation
69.5
%
Dielectric Withstanding Voltage (AC)
5,000
Vrms
Corona Discharge
1,900
Vrms
at 60 Hz
.
. .
Performance by Frequency Band
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
5
10
18
GHz
Attenuation, Typ
7.6
11.1
28.1
43.4
63.6
dB/100ft
24.93
36.42
92.19
142.39
208.66
dB/100m
.
Input Power (CW), Max
600
450
180
120
73
Watts
.
Description
F6
F7
F8
F9
F10
Units
Frequency
26.5
GHz
Attenuation, Typ
82.8
dB/100ft
271.65
dB/100m
.
Input Power (CW), Max
70
Watts
.
Mechanical Specifications
Min. Bend Radius (Repeated)
0.25 in [6.35 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RG402 Coax Cable with Copper Outer Conductor RG402/U
RG402/U REV 1.3
RG402 Coax Cable with Copper Outer Conductor
RF Cables
Technical Data Sheet
RG402/U


Similar Part No. - RG402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG402 PASTERNACK-RG402 Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
logo
Multicomp Pro
RG402 MULTICOMP-RG402 Datasheet
168Kb / 1P
Coax Cable RG402
15/02/23 V1.2
logo
Pasternack Enterprises,...
RG402-U PASTERNACK-RG402-U Datasheet
271Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402-U-STRAIGHT PASTERNACK-RG402-U-STRAIGHT Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
logo
Multicomp Pro
RG402/U MULTICOMP-RG402/U Datasheet
266Kb / 1P
SMA Plug Solder
01/06/21
More results

Similar Description - RG402

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-SR405FL PASTERNACK-PE-SR405FL Datasheet
247Kb / 3P
Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
PE-SR402TN PASTERNACK-PE-SR402TN Datasheet
269Kb / 3P
RG402 Coax Cable with Tinned Copper Outer Conductor
PE-SR405TN PASTERNACK-PE-SR405TN Datasheet
266Kb / 3P
RG405 Coax Cable with Tinned Copper Outer Conductor
PE-118SR PASTERNACK-PE-118SR Datasheet
1Mb / 3P
118 Semi-rigid Coax Cable with Copper Outer Conductor
PE-SR402TN-STRAIGHT PASTERNACK-PE-SR402TN-STRAIGHT Datasheet
373Kb / 3P
RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
PE-SR405TN-STRAIGHT PASTERNACK-PE-SR405TN-STRAIGHT Datasheet
367Kb / 3P
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
RG402-U PASTERNACK-RG402-U Datasheet
271Kb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG402-U-STRAIGHT PASTERNACK-RG402-U-STRAIGHT Datasheet
1Mb / 3P
RG402 Coax Cable with Copper Outer Conductor
RG405-U PASTERNACK-RG405-U Datasheet
272Kb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
RG405-U-STRAIGHT PASTERNACK-RG405-U-STRAIGHT Datasheet
1Mb / 3P
086 Semi-rigid Coax Cable with Copper Outer Conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com