Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1U1-X2B2-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # SA1U1-X2B2-R
Description  Supermicro 1U813 SETAC Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

SA1U1-X2B2-R Datasheet(HTML) 1 Page - Silicom Ltd.

  SA1U1-X2B2-R Datasheet HTML 1Page - Silicom Ltd. SA1U1-X2B2-R Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
Supermicro 1U813
Supermicro 1U813 SETAC Solution
Product Description
Silicom SETAC introduces a unique new concept to the appliance
industry: the use of a simple kit to allow branded, high- technology
servers to be configured as hardware appliances.
By using Silicom SETAC with a standard server, you create an ideal
network appliance that delivers the best of both worlds: server-grade reliability and front-end access, together with field-replaceable
architecture and a stable state-of-the-art technology environment.
Key Features
Complete family of appliance platforms from 1U to 3U
Full integration of SETAC-technology
Solution with the maximum port density on the market
Supermicro chassis design and dimensions
Technical Specifications
General Technical Specifications
1U
Specifications
Dimensions (WxHxD)
17.2″ (437mm) X 1.7″ (43mm) X 25.6″ (650mm)
Type
1U Rackmount
Power Supply
520W cold-swap PS
Mainboard
mini-ITX, ATX, eATX (long version only)
Front Bays
4
Front Modules
up to 2 SETAC modules


Similar Part No. - SA1U1-X2B2-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
SA1U1-X2B2-5L-R SILICOM-SA1U1-X2B2-5L-R Datasheet
318Kb / 2P
Supermicro 1U815 SETAC Solution
More results

Similar Description - SA1U1-X2B2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X8STI ETC1-X8STI Datasheet
8Mb / 109P
Supermicro Mainboard
X9DR3-F ETC1-X9DR3-F Datasheet
10Mb / 111P
Supermicro Mainboard
X9DR7-TF ETC1-X9DR7-TF Datasheet
13Mb / 117P
Supermicro Mainboard
X9DRL-3F ETC1-X9DRL-3F Datasheet
8Mb / 105P
Supermicro Mainboard
X9DRW-3F ETC1-X9DRW-3F Datasheet
7Mb / 107P
Supermicro Mainboard
X9QR7-TF ETC1-X9QR7-TF Datasheet
12Mb / 113P
Supermicro Mainboard
X9SPU-F ETC1-X9SPU-F Datasheet
7Mb / 107P
Supermicro Mainboard
logo
Silicom Ltd.
1U815 SILICOM-1U815 Datasheet
318Kb / 2P
Supermicro 1U815 SETAC Solution
2U825 SILICOM-2U825 Datasheet
322Kb / 2P
Supermicro 2U825 SETAC Solution
3U835 SILICOM-3U835 Datasheet
320Kb / 2P
Supermicro 3U835 SETAC Solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com