Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048F030T21 Datasheet(PDF) 4 Page - Vicor Corporation

Part # B048F030T21
Description  VI Chip - BCM Bus Converter Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F030T21 Datasheet(HTML) 4 Page - Vicor Corporation

  B048F030T21 Datasheet HTML 1Page - Vicor Corporation B048F030T21 Datasheet HTML 2Page - Vicor Corporation B048F030T21 Datasheet HTML 3Page - Vicor Corporation B048F030T21 Datasheet HTML 4Page - Vicor Corporation B048F030T21 Datasheet HTML 5Page - Vicor Corporation B048F030T21 Datasheet HTML 6Page - Vicor Corporation B048F030T21 Datasheet HTML 7Page - Vicor Corporation B048F030T21 Datasheet HTML 8Page - Vicor Corporation B048F030T21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048K030T21
Rev. 1.0
Page 4 of 15
V•I Chip Bus Converter Module
PRELIMINARY
Figure 8—Output voltage ripple at full load and 48 Vin with 10 µF ceramic
external bypass capacitor and 20 nH of distribution inductance.
Figure 7— Output voltage ripple at full load and 48 Vin; without any
external bypass capacitor.
Ripple vs. Output Power
50
54
58
62
66
70
74
78
82
86
90
020
40
6080
100 120 140 160 180 200
Output Power (W)
Figure 9— Output voltage ripple vs. output power at 48 Vin line without
any external bypass capacitor.
Figure 10— 0 -70 A load step with 47 µF input capacitor and no
output capacitor.
Figure 11— 70- 0 A load step with 47 µF input capacitance.
Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com