Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K112BHTXVLFTR Datasheet(PDF) 22 Page - NXP Semiconductors

Part # FS32K112BHTXVLFTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXVLFTR Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button FS32K112BHTXVLFTR Datasheet HTML 18Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 19Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 20Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 21Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 22Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 23Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 24Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 25Page - NXP Semiconductors FS32K112BHTXVLFTR Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
Table 13. Power consumption (Typicals unless stated otherwise) 1 (continued)
VLPS (μA) 2
VLPR (mA)
STOP1
(mA)
STOP2
(mA)
RUN@48
MHz (mA)
RUN@64 MHz
(mA)
RUN@80 MHz
(mA)
HSRUN@112
MHz (mA) 3
105
Typ
240
257
1.58
1.61
2.44
7.6
8.3
18.3
25.7
25.5
31.9
29.8
38
41.5
53.1
373
Max
740
791
2.32
2.34
NA
9.9
10.9
23.1
30.2
27.8
35.3
33.8
40.7
44.9
57.4
423
125
Typ
NA
NA
NA
NA
2.84
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
Max
1637
1694
3.1
3.21
NA
12.7
13.7
25
32.9
30.7
38.8
36
43.8
NA
450
S32K144
25
Typ
29.8
42
1.48
1.50
2.91
7
7.7
19.7
26.9
25.1
33.3
30.2
39.6
43.3
55.6
378
85
Typ
150
159
1.72
1.85
3.08
7.2
8.1
20.4
27.1
26.1
33.5
30.5
40
43.9
56.1
381
Max
359
384
2.60
2.65
NA
9.2
9.9
23.2
29.6
29.3
36.2
34.8
42.1
46.3
59.7
435
105
Typ
256
273
1.80
2.10
3.23
7.8
8.5
20.6
27.4
26.6
33.8
31.2
40.5
44.8
57.1
390
Max
850
900
2.65
2.70
NA
10.3
11.1
23.9
30.6
30.3
37.3
35.6
43.5
47.9
61.3
445
125
Typ
NA
NA
NA
NA
3.65
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
Max
1960
1998
3.18
3.25
NA
12.9
13.8
26.9
33.6
35
40.3
38.7
46.8
NA
484
S32K14xW
25
Typ
35
48
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NA
TBD
85
Typ
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NA
TBD
Max
TBD
TBD
TBD
TBD
NA
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NA
TBD
105
Typ
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NA
TBD
Max
TBD
TBD
TBD
TBD
NA
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NA
TBD
125
Typ
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com