Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL07A Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PL07A
Description  Low Noise Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL07A Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PL07A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.prewell.com
2
Low Noise Amplifier
SJM PREWELL
PL07A
Products and product information are subject to change without notice. Version 0.3
0
200
400
600
800
1000
-30
-20
-10
0
10
20
30
Frequency (MHz)
S21
S22
S11
40 MHz – 1000 MHz Application Circuit
RF IN
RF OUT
10nF
10nF
820nH
100nF
1uF
Vdd
10nF
33nH
910ohm
240ohm
0
200
400
600
800
1000
8
10
12
14
16
18
20
25℃
Frequency (MHz)
P1dB vs Frequency
200
400
600
800
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25℃
Frequency (MHz)
NF vs. Frequency
0
200
400
600
800
1000
20
24
28
32
36
40
44
25℃
Frequency (MHz)
OIP3 vs Frequency
S-Parameter
NF vs. Frequency
OIP3 vs. Frequency
P1dB vs. Frequency
0
200
400
600
800
20
30
40
50
60
70
80
25℃
Frequency (MHz)
CSO vs. Frequency
132 channels, +30dBmV/channel flat loading, 25℃
0
200
400
600
800
40
50
60
70
80
90
100
25℃
Frequency (MHz)
CTB vs. Frequency
132 channels, +30dBmV/channel flat loading, +25℃
CSO vs. Frequency
132 channels,15dBmV/channelflatloading
CTB vs. Frequency
132 channels,15dBmV/channelflatloading
1)Note 1:OIP3measuredwithtwotonesat anoutput powerof3dBm/tone
2)Note 2:3V/45mA, CSO/CTBTestCondition :15dBmV/132ch, T=25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com