Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL07A Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PL07A
Description  Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL07A Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PL07A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 9Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
http://www.prewell.com
4
Low Noise Amplifier
SJM PREWELL
PL07A
Products and product information are subject to change without notice. Version 16
Parameters
Units
Frequency (MHz)
900
1000
S21
dB
20.1
19.4
S11
dB
-15
-16
S22
dB
-12
-13
P1dB
dBm
17.2
17.2
OIP3 @ 3dBm
dBm
31.5
32.2
NF
dB
0.69
0.72
900 MHz
– 1000 MHz Application Circuit (3V / 45mA)
900
920
940
960
980
1000
0
5
10
15
20
25
30
25℃
-40℃
85℃
Frequency (MHz)
Gain vs Frequency
900
920
940
960
980
1000
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
900
920
940
960
980
1000
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Output Return Loss
900
920
940
960
980
1000
0
10
20
30
40
50
60
25℃
-40℃
85℃
Frequency (MHz)
OIP3 vs Frequency
900
920
940
960
980
1000
0
5
10
15
20
25
30
25℃
-40℃
85℃
Frequency (MHz)
P1dB vs Frequency
Gain Vs. Frequency
Input Return Loss
Output Return Loss
OIP3 vs. Frequency
P1dB vs. Frequency
RF IN
RF OUT
100pF
100pF
100nH
100pF
1uF
Vdd
8.2nH
0.3pF
900
920
940
960
980
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25℃
Frequency (GHz)
NF vs. Frequency
NF vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com