Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754575 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754575
Description  MSTBT 2,5/ 9-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754575 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754575 Datasheet HTML 1Page - PHOENIX CONTACT 1754575 Datasheet HTML 2Page - PHOENIX CONTACT 1754575 Datasheet HTML 3Page - PHOENIX CONTACT 1754575 Datasheet HTML 4Page - PHOENIX CONTACT 1754575 Datasheet HTML 5Page - PHOENIX CONTACT 1754575 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Jan 28, 2011
Extract from the online
catalog
 
MSTBT 2,5/ 9-ST
Order No.: 1779903
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779903
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 9, Pitch: 5 mm, Color: green, Metal surface: Sn
 
Commercial data
GTIN (EAN)
4
017918
040598
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 200 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
40 mm
Number of positions
9
Screw thread
M3
Tightening torque, min
0.5 Nm


Similar Part No. - 1754575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754575 PHOENIX-1754575 Datasheet
115Kb / 7P
Base strip - MSTB 2,5/ 9-G
1754575 PHOENIX-1754575 Datasheet
142Kb / 6P
MSTB 2,5/ 9-ST
1754575 PHOENIX-1754575 Datasheet
170Kb / 6P
MVSTBR 2,5/ 9-ST
1754575 PHOENIX-1754575 Datasheet
104Kb / 4P
MSTB 2,5/ 9-ST BD:1-9
More results

Similar Description - 1754575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1779848 PHOENIX-1779848 Datasheet
151Kb / 7P
MSTBT 2,5/ 3-ST
1779851 PHOENIX-1779851 Datasheet
137Kb / 6P
MSTBT 2,5/ 4-ST
1779990 PHOENIX-1779990 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1706337 PHOENIX-1706337 Datasheet
52Kb / 3P
MSTBT 2,5/ 3-ST YE
1779974 PHOENIX-1779974 Datasheet
148Kb / 6P
MSTBT 2,5/16-ST
1919899 PHOENIX-1919899 Datasheet
133Kb / 3P
MSTBT 2,5/18-ST-5,08
1914836 PHOENIX-1914836 Datasheet
125Kb / 3P
MSTBT 2,5/ 3-ST BK
1926303 PHOENIX-1926303 Datasheet
91Kb / 7P
Printed-circuit board connector - MSTBT 2,5 HC/ 9-ST
1971947 PHOENIX-1971947 Datasheet
114Kb / 3P
MSTBT 2,5/ 3-ST KMGY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com