Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIZ610IO Datasheet(PDF) 5 Page - WIZnet Co., Ltd

Part # WIZ610IO
Description  internet offload network module that includes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

WIZ610IO Datasheet(HTML) 5 Page - WIZnet Co., Ltd

  WIZ610IO Datasheet HTML 1Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 2Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 3Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 4Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 5Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 6Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 7Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 8Page - WIZnet Co., Ltd WIZ610IO Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
WIZ610io User Manual (WIZnet Co.,Ltd.)
5
Pin Type Notation
Type
Description
I
Input
O
Output
P
Power & Ground
2.1.2 WIZ610io Pin description
Pin No.
I/O
Pin Name
Description
J1
1
P
GND
Ground
2
P
GND
Ground
3
I
MOSI
SPI Master Out Slave In
This pin is used to SPI MOSI signal pin.
4
I
SCLK
SPI Clock
This pin is used to SPI Clock Signal pin.
5
I
SCSn
SPI Slave Select : Active Low
This pin is used to SPI Slave Select signal
Pin when using SPI interface.
6
O
INTn
Interrupt : Active low
When the event occur during W6100
Ethernet Communication, INTn notices to
HOST.
Low : Interrupt Occurred
High : No Interrupt
Refer to IEN (Interrupt pin Enable) in
SYCR1 (System Config Register1),
INTPTMR (Interrupt Pending Time
Register), IR (Interrupt Register), SIR
(Socket Interrupt Register), SLIR (SOCKET-
less Interrupt Register).
J2
1
P
GND
Ground
2
P
3V3D
Power : Digital 3.3V power
3
P
3V3D
Power : Digital 3.3V power
4
I
NC
NC
5
I
RSTn
Reset : RSTn initializes W6100. RSTn must



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com