Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA080AT-E/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 25AA080AT-E/ST
Description  8K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA080AT-E/ST Datasheet(HTML) 1 Page - Microchip Technology

  25AA080AT-E/ST Datasheet HTML 1Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 2Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 3Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 4Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 5Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 6Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 7Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 8Page - Microchip Technology 25AA080AT-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21808B-page 1
25AA080A/B, 25LC080A/B
Device Selection Table
Features
• Max. clock 10 MHz
• Low-power CMOS technology
• 1024 x 8-bit organization
• 16 byte page (‘A’ version devices)
• 32 byte page (‘B’ version devices)
• Write cycle time: 5 ms max.
• Self-timed ERASE and WRITE cycles
• Block write protection
- Protect none, 1/4, 1/2 or all of array
• Built-in write protection
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential read
• High reliability
- Endurance: 1,000,000 erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature ranges supported;
Pin Function Table
Description
The
Microchip
Technology
Inc.
25AA080A/B,
25LC080A/B
(25XX080A/B*)
are
8
Kbit
Serial
Electrically Erasable PROMs. The memory is accessed
via a simple Serial Peripheral Interface™ (SPI™)
compatible serial bus. The bus signals required are a
clock input (SCK) plus separate data in (SI) and data
out (SO) lines. Access to the device is controlled
through a Chip Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
chip select, allowing the host to service higher priority
interrupts.
The 25XX080A/B is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packaging including 8-lead MSOP, and 8-lead TSSOP.
Pb-free (Pure Matte Sn) finish is also available.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25LC080A
2.5-5.5V
16 Byte
I, E
P, SN, ST, MS
25AA080A
1.8-5.5V
16 Byte
I
P, SN, ST, MS
25LC080B
2.5-5.5V
32 Byte
I, E
P, SN, ST, MS
25AA080B
1.8-5.5V
32 Byte
I
P, SN, ST, MS
- Industrial (I):
-40
°Cto +85°C
- Automotive (E):
-40°C to +125°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
V
SS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
V
CC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC
(P, SN)
TSSOP/MSOP
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(ST, MS)
8K SPI™ Bus Serial EEPROM
*25XX080A/B is used in this document as a generic part
number for the 25AA080A/B, 25LC080A/B.
SPI is a registered trademark of Motorola Semiconductor.


Similar Part No. - 25AA080AT-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080AT-E/ST MICROCHIP-25AA080AT-E/ST Datasheet
423Kb / 26P
8K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25AA080AT-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
8K/16K 5.0V SPI Bus Serial EEPROM
1996
25AA080 MICROCHIP-25AA080_04 Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
25AA080A MICROCHIP-25AA080A_07 Datasheet
423Kb / 26P
8K SPI Bus Serial EEPROM
2007
25AA080C MICROCHIP-25AA080C Datasheet
486Kb / 28P
8K SPI Bus Serial EEPROM
2009
25LC080P MICROCHIP-25LC080P Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25LC080SN MICROCHIP-25LC080SN Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25AA080 MICROCHIP-25AA080_13 Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
10/26/12
25AA080C MICROCHIP-25AA080C_12 Datasheet
846Kb / 34P
8K SPI Bus Serial EEPROM
11/27/12
25C080T-E MICROCHIP-25C080T-E Datasheet
210Kb / 22P
8K SPI Bus Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com