Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI1004-2 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI1004-2
Description  Programmable Point-of-Load Controller with 6-bit VID
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI1004-2 Datasheet(HTML) 4 Page - Vicor Corporation

  PI1004-2 Datasheet HTML 1Page - Vicor Corporation PI1004-2 Datasheet HTML 2Page - Vicor Corporation PI1004-2 Datasheet HTML 3Page - Vicor Corporation PI1004-2 Datasheet HTML 4Page - Vicor Corporation PI1004-2 Datasheet HTML 5Page - Vicor Corporation PI1004-2 Datasheet HTML 6Page - Vicor Corporation PI1004-2 Datasheet HTML 7Page - Vicor Corporation PI1004-2 Datasheet HTML 8Page - Vicor Corporation PI1004-2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Picor Corporation • picorpower.com
PI1004 Data Sheet Rev. 2.5 Page 4 of 16
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
POWER GOOD OUTPUT (see Note1)
Under-voltage trip threshold
-280
-230
-185
mV
0°C ≤ TA ≤ 70°C
Under-voltage clear threshold
-185
-150
-100
mV
0°C ≤ TA ≤ 70°C
Under-voltage hysteresis
-100
- 80
-50
mV
0°C ≤ TA ≤ 70°C
Over-voltage trip threshold
125
160
+185
mV
0°C ≤ TA ≤ 70°C
Over-voltage clear threshold
75
110
+135
mV
0°C ≤ TA ≤ 70°C
Over-voltage hysteresis
35
50
80
mV
0°C ≤ TA ≤ 70°C
Output low
0.4
V
IPWRGD = 4 mA (Enabled)
IPWRGD = 250 µA (Disabled)
PWRGD blanking TIME
50
100
300
µsec
ENABLE INPUT
Logic low threshold
0.3
V
Logic high threshold
0.8
V
0°C ≤ TA ≤ 70°C
Open circuit voltage
1.8
V
Input pull-up current
2
µA
OVP CIRCUIT (PI1004-2 only) (see Note1)
Over-voltage trip threshold
180
220
250
mV
0°C ≤ TA ≤ 70°C
Over-voltage clear threshold
120
150
180
mV
0°C ≤ TA ≤ 70°C
Over-voltage hysteresis
40
70
100
mV
0°C ≤ TA ≤ 70°C
OVP logic high
2.5
3.5
4.5
V
Iovp = -2 mA
OVP logic high current
2
4.5
mA
OVP logic low
0.4
V
Iovp = 0.5 mA
OVP response time
0.5
µsec
VO pin input current
0.25
0.6
µA
REFIN pin input current
0.25
0.6
µA
SOFT START CIRCUIT
SS charge current
3
5
7
µA
0°C ≤ TA ≤ 70°C
SS discharge current
0.2
0.7
mA
SS clamp voltage
2.3
2.6
2.9
V
SS reset voltage
0.2
0.25
0.3
V
SS discharge voltage
0.1
V
AVP CIRCUIT
Common mode input voltage range
-0.05
0.4
V
Differential input voltage range
0
135
mV
AVP current sink range
200
µA
IAVP transconductance
0.97
1.00
1.03
mS
RG=4 kΩ, ISP = 135 mV
ISN = 0V
IAVP headroom
0.2
V
Input bias current, ISP, ISN
5
µA
Programmable VID OFFSET (PI1004-1 only)
OFFSET output voltage
240
250
260
mV
ROFFSET = 10 kΩ
OFFSET to IAVP headroom
0.2
V
Electrical Specifications (continued)
Note 1: Power good and overvoltage inputs are referenced to VO-REFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com