Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T22C686M050ESS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T22C686M050ESS
Description  Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T22C686M050ESS Datasheet(HTML) 1 Page - Vishay Siliconix

  T22C686M050ESS Datasheet HTML 1Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 2Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 3Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 4Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 5Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 6Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 7Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 8Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
T22
www.vishay.com
Vishay
Revision: 13-May-2020
1
Document Number: 40187
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum SMD Capacitors, Tantalum Metal Case With
Glass-to-Tantalum Hermetic Seal
LINKS TO ADDITIONAL RESOURCES
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +85 °C
(to +125 °C with voltage derating)
DC Leakage Current (DCL Max.): at +25 °C and above:
leakage current shall not exceed the values listed in the
Standard Ratings table.
Capacitance Range: 10 μF to 68 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 50 VDC to 125 VDC
FEATURES
• Advanced SMD packaging with high volumetric
efficiency, patents pending
• Enhanced performance, high reliability design
• SMD, standard tin / lead (Sn / Pb), 100 % tin
(RoHS-compliant) available
• Mounting: surface-mount
• Increased thermal shock capability of 300 cycles
• Designed for the avionics and aerospace applications
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
333
DDD3 D
3D Models
Available
Available
Available
ORDERING INFORMATION
T22
C
686
K
050
E
S
S
TYPE
CASE
CAPACITANCE
CAPACITANCE
DC VOLTAGE
TERMINATION /
RELIABILITY
ESR
CODE
TOLERANCE
RATING AT +85 °C
PACKAGING
GRADE
See
Ratings
and
Case
Codes
table
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed
in volts. To
complete the
three-digit block,
zeros precede the
voltage rating.
A decimal point is
indicated by an
“R” (6R3 = 6.3 V).
Sn / Pb solder
E = 7" (178 mm) reel
L = 7" (178 mm),
1/2 reel
R = 7" (178 mm),
partial reel
100 % tin
C = 7" (178 mm), reel
H = 7" (178 mm),
1/2 reel
U = 7" (178 mm),
partial reel
S = 48 h
burn-in
Z = non-
established
reliability
S =
standard
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
L1
W
H
P
TW
WEIGHT
g
(AVERAGE)
C
0.354
[9.0]
0.303 ± 0.008
[7.7 ± 0.2]
0.279 ± 0.008
[7.1 ± 0.2]
0.291 ± 0.008
[7.4 ± 0.2]
0.098 ± 0.008
[2.5 ± 0.2]
0.197 ± 0.008
[5.0 ± 0.2]
2.40
L
L1
P
P
H
T
W
T
W
W


Similar Part No. - T22C686M050ESS

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
T22CT LUMEL-T22CT Datasheet
446Kb / 4P
AC Transducer
T22CT1AA65L000000 LUMEL-T22CT1AA65L000000 Datasheet
446Kb / 4P
AC Transducer
T22CT1AA75L000000 LUMEL-T22CT1AA75L000000 Datasheet
446Kb / 4P
AC Transducer
T22CT1AB65L000000 LUMEL-T22CT1AB65L000000 Datasheet
446Kb / 4P
AC Transducer
T22CT1AB75L000000 LUMEL-T22CT1AB75L000000 Datasheet
446Kb / 4P
AC Transducer
More results

Similar Description - T22C686M050ESS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
26-Sep-06
135D VISHAY-135D Datasheet
100Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
10-Oct-08
735D VISHAY-735D_08 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
30-Jun-08
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
11-Jan-16
735D VISHAY-735D Datasheet
136Kb / 9P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
17-Oct-03
136D VISHAY-136D Datasheet
109Kb / 7P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
05-Dec-14
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
Wet Tantalum SMD Capacitors, Tantalum Metal Case with Glass-to-Tantalum Hermetic Seal, DLA Approved
18-Jun-2019
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com