Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW113 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PW113
Description  Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PW113 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PW113 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PW113 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.prewell.com
2
Gain Block
SJM PREWELL
PW113
Products and product information are subject to change without notice. Version 0.9
0
200
400
600
800
1000
14
16
18
20
22
24
26
25℃
-40℃
85℃
Frequency (MHz)
Gain vs Frequency
0
200
400
600
800
1000
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
0
200
400
600
800
1000
-18
-15
-12
-9
-6
-3
0
25℃
-40℃
85℃
Frequency (MHz)
Output Return Loss
Parameters
Units
Frequency (MHz)
50
70
140
250
500
900
S21
dB
22.2
22.3
22.3
22.1
21.8
21.0
S11
dB
-20
-21
-22
-23
-24
-25
S22
dB
-13
-13
-14
-14
-13
-11
P1dB
dBm
20.1
20.1
20.1
20.2
20.3
20.0
OIP3 @ 9dBm
dBm
39.5
39.3
39.1
39.0
37.0
34.5
NF
dB
3.6
3.6
3.7
3.6
3.6
3.6
Typical RF Performance for IF Amp Application CircuitⅠ
Supply Bias Voltage = 5V, R
BIAS = 3ohm, Current= 88mA
Recommended Bias Values
Supply Voltage ( V )
R
BIAS Value (ohm)
Size
5
3.0
0805
5.3
6.3
0805
6
14.1
0805
7
25.2
1210
8
36.3
1210
9
47.4
2010
10
58.6
2010
12
80.8
2512
Gain vs. Frequency
Input Return Loss
Output Return Loss
RF IN
RF OUT
10nF
10nF
820nH
10nF
1uF
Supply
Voltage
RBIAS
0
200
400
600
800
1000
30
32
34
36
38
40
42
25℃
-40℃
85℃
Frequency (MHz)
OIP3 vs Frequency
OIP3 vs. Frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com