Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISM303DAC Datasheet(PDF) 69 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 65Page - STMicroelectronics ISM303DAC Datasheet HTML 66Page - STMicroelectronics ISM303DAC Datasheet HTML 67Page - STMicroelectronics ISM303DAC Datasheet HTML 68Page - STMicroelectronics ISM303DAC Datasheet HTML 69Page - STMicroelectronics ISM303DAC Datasheet HTML 70Page - STMicroelectronics ISM303DAC Datasheet HTML 71Page - STMicroelectronics ISM303DAC Datasheet HTML 72Page - STMicroelectronics ISM303DAC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
DocID030988 Rev 2
69/80
ISM303DAC
Register description
80
8.30
FUNC_CTRL_A (3Fh)
Functional control register (r/w)
Table 85. FUNC_CTRL_A register
Table 86. FUNC_CTRL_A register description
8.31
OFFSET_X_REG_L_M (45h) and OFFSET_X_REG_H_M (46h)
These registers comprise a 16-bit register and represent X hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.32
OFFSET_Y_REG_L_M (47h) and OFFSET_Y_REG_H_M (48h)
These registers comprise a 16-bit register and represent Y hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.33
OFFSET_Z_REG_L_M (49h) and OFFSET_Z_REG_H_M (4Ah)
These registers comprise a 16-bit register and represent Z hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.34
WHO_AM_I_M (4Fh)
The identification register is used to identify the device (read-only register).
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
MODULE_
ON
0(1)
0(1)
0(1)
0(1)
0(1)
MODULE_ON
Module processing enable. Default value: 0
(0: disabled; 1: module)
01000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com