Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPDM-PLUS-M Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # MPDM-PLUS-M
Description  Apacer mPDM (mini PCIeDisk Module Plus) SSD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

MPDM-PLUS-M Datasheet(HTML) 3 Page - Apacer Technology Inc.

  MPDM-PLUS-M Datasheet HTML 1Page - Apacer Technology Inc. MPDM-PLUS-M Datasheet HTML 2Page - Apacer Technology Inc. MPDM-PLUS-M Datasheet HTML 3Page - Apacer Technology Inc. MPDM-PLUS-M Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
mPDM Plus-M
Interface
5Gb/sec, PCI Express Gen 2x1
Connector
One lane mini PCI Express
Form Factor
Mini PCIe
NAND Flash Type
MLC
Capacity
8GB~128GB
Sustained Read Performance (MB/sec)
Up to 390
Sustained Write Performance (MB/sec)
Up to 315
ECC Engine
Built-in 72-bit per 1K bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Storage Temperature ( °C )
-40 ~ +85
Shock
Operation: 50G, 11ms
Non-operation: 1500G, 0.5ms
Vibration
Operation: 7.69 Grms, 20~2000 Hz/random
(compliant with MIL-STD-810G)
Non-operation: 15 G, 10 ~ 2000 Hz/sine
Operating Voltage
3.3 V ± 5%
Power Consumption
Active mode: 1,170 mA, Idle mode: 455 mA
Dimension (L x W x H )
50.8x 29.85 x 4.2 mm
MTBF (hours)
>1,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com