Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS473PQTP Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS473PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473PQTP Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS473PQTP Datasheet HTML 14Page - Microchip Technology HCS473PQTP Datasheet HTML 15Page - Microchip Technology HCS473PQTP Datasheet HTML 16Page - Microchip Technology HCS473PQTP Datasheet HTML 17Page - Microchip Technology HCS473PQTP Datasheet HTML 18Page - Microchip Technology HCS473PQTP Datasheet HTML 19Page - Microchip Technology HCS473PQTP Datasheet HTML 20Page - Microchip Technology HCS473PQTP Datasheet HTML 21Page - Microchip Technology HCS473PQTP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
HCS473
DS40035C-page 16
Preliminary
 2002 Microchip Technology Inc.
FIGURE 3-6:
ENCODER OPERATION: RF ENABLE/ASK/FSK OPTIONS
3.1.4.9
SEED Button Code (SDBT)
SDBT selects which switch input(s) activate a seed
transmission. Seed transmissions are disabled by
clearing all 4 bits. If a button combination is pressed
that matches the 4-bit SDBT value, a seed code word
is transmitted as configured by the SDTM, SDLM and
SDMD options (see following sections).
The binary bit order is S3-S2-S1-S0. For example, if
you want the combination of S2 and S0 to activate a
seed transmission, use SDBT=01012.
SDBT options:
• Seed is transmitted when SDBT flags match the
button input flags
• SDBT = 00002 disables seed capability.
3.1.4.10
Time Before Seed (SDTM)
The time before seed option selects the delay from
device activation until the seed code words are trans-
mitted. If the delay is not zero, the HCS473 transmits
hopping code words until the selected time, then trans-
mits seed code words.
As code words are always completed, the seed code
word begins the first code word after the specified time.
SDTM options:
• 0s - seed code words begin immediately
•0.8s
•1.6s
•3.2s
3.1.4.11
Limited Seed (SDLM)
The limited seed option may be used to disable seed
transmission capability after a configurable number of
transmitter activations; limiting a transmitter’s ability to
be learned into a receiver. Specifically, seed transmis-
sions are disabled when the synchronization counter’s
LSB increments from 7Fh to 80h.
SDLM options:
• unlimited seed capability
• limited seed capability - counter value dependent
3.1.4.12
SEED Mode (SDMD)
The Seed mode option selects between User and Pro-
duction seed modes. Production mode functions as a
special time before seed case (SDTM).
With Production mode enabled, a seed button code
activation triggers MTX hopping code words followed
by MTX seed code words. Production mode functional-
ity is disabled when the synchronization counter’s LSB
increments from 7Fh to 80h.
SDMD options:
•User
• Production
3.1.4.13
RF Baud Rate Select (RFBSL)
The timing of code word data modulated on the DATA
pin is referred to in multiples of a basic Timing Element
RFT
E. ‘RF’ TE because the DATA pin output is typically
sent through a RF transmitter to the decoder or tran-
sponder reader.
RFT
E may be selected using the RF Baud Rate Select
(RFBSL) configuration option. RF
TE accuracy is sub-
ject to the oscillator variation over temperature and
voltage.
RFBSL options:
•100
µs RFTE
•200
µs RFTE
•400
µs RFTE
•800
µs RFTE
SWITCH
S3/RFEN
DATA
S3/RFEN
DATA
T
PLL
ASK:
T
PU
Code Word
Code Word
Code Word
Code Word
Code Word
Code Word
Code Word
Code Word
FSK:
Note:
Configuring S3/RFEN as RFEN (see
Section 3.1.4.8) prevents the use of S3 to
trigger a seed transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com