| Electronic Components Datasheet Search |
|
HCS473-PQTP Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS473-PQTP Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 68 page ![]() 2002 Microchip Technology Inc. Preliminary DS40035C-page 27 HCS473 3.2.3.4 READ Command The transponder reader follows the 3-bit READ com- mand with one of eight possible 3-bit address options indicating which 16-bit EEPROM word to retrieve (Table 3-5) and a 2-bit CRC calculated over the com- mand and address bits. The HCS473 retrieves the data and returns the 16-bit response by creating a 32-bit value containing two cop- ies of the response (Figure 3-15). RFRSP determines if the response will be transmitted on the DATA pin. If enabled, the response will follow the selected Encoder mode code hopping format with the hopping code replaced with the 32-bit response. The transmissions will contain a button code of ‘0000’. LFRSP determines if the response will be transmitted on the LC pins. The LC pin response will be the 32-bit result, modulated PPM format. If both RFRSP and LFRSP are enabled, the HCS473 will send the response on the DATA pin immediately fol- lowed by the PPM response on the LC pins. Refer to Section 3.2.1.7 for further response path details. The following locations are available to read: • The 64-bit general purpose user EEPROM. • The 32-bit serial number. The serial number is also transmitted in each code hopping transmis- sion. • The16-bit device identifiers #1 and #2. The next command must begin T CMD after the read response. FIGURE 3-15: READ SEQUENCE (RF RESPONSE EXAMPLE) TSF ACK CMD ADR CRC T CMD ‘1002’ 3 bits 2 bits T READ RESPONSE Address Command CRC TFINH TREAD RF Response Inductive In RF Response (RFRSP=1) Wake Sequence or Previous Command Response Optional Next Command T CMD Next Command TCMD TCMD (LC Pins) (DATA Pin) TCMD TCMD LF must remain on if following with consecutive command or if waiting for LF response |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |