Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS473IPQTP Datasheet(PDF) 53 Page - Microchip Technology

Part # HCS473IPQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473IPQTP Datasheet(HTML) 53 Page - Microchip Technology

Back Button HCS473IPQTP Datasheet HTML 49Page - Microchip Technology HCS473IPQTP Datasheet HTML 50Page - Microchip Technology HCS473IPQTP Datasheet HTML 51Page - Microchip Technology HCS473IPQTP Datasheet HTML 52Page - Microchip Technology HCS473IPQTP Datasheet HTML 53Page - Microchip Technology HCS473IPQTP Datasheet HTML 54Page - Microchip Technology HCS473IPQTP Datasheet HTML 55Page - Microchip Technology HCS473IPQTP Datasheet HTML 56Page - Microchip Technology HCS473IPQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 51
HCS473
TABLE 7-2:
TRANSPONDER CHARACTERISTICS
R
PD
Internal Pull-down Resistance
D100
S0 - S3
40
75
100
K
If enabled
Data EEPROM Memory
D120
E
D
Endurance
200K
1000K
E/W
25
°C at 5V
D121
V
DRW
V
DD for Read/Write
2.05
5.5
V
D122
T
DEW
Erase/Write Cycle Time(1)
—4
10
ms
*
These parameters are characterized but not tested.
"Typ" column data is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin load-
ing and switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the
current consumption.
2: Should operate down to V
BOR but not tested below 2.0V.
3: The test conditions for all I
DD measurements in active Operation mode are: all I/O pins tristated, pulled to VDD.
MCLR = V
DD; WDT enabled/disabled as specified. The power-down/shutdown current in SLEEP mode does not
depend on the oscillator frequency. Power-down current is measured with the part in SLEEP mode, with all I/O pins
in hi-impedance state and tied to V
DD or VSS. The
∆ current is the additional current consumed when the WDT is
enabled. This current should be added to the base I
DD or IPD measurement.
DC Characteristics
All pins except power supply pins
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
0
°C ≤ TA ≤ +70°C (Commercial)
-20
°C ≤ TA ≤ +85°C (Industrial)
2.05V < V
DD < 5.5V
Symbol
Symbol
Min
Typ(1)
Max
Unit
Conditions
Vlcc
LC input clamp voltage
10
V
I
LC < 1mA
V
DDTV
LC induced output voltage
3.5
V
10 V < V
LCC, IDD = 2 mA
f
C
Carrier frequency
125
kHz
V
LCS
LC Input Sensitivity
15
18
30
35
mV
RMS
V
DD = 5.5V
V
DD = 3.0V
V
LCC
LCCOM Output Voltage
600
mV
I
LCCOM = 0 mA
Note:
These parameters are characterizied but not tested.
TABLE 7-1:
DC CHARACTERISTICS: HCS473 (CONTINUED)
DC Characteristics
All pins except power supply pins
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
0
°C ≤ TA ≤ +70°C (Commercial)
-20
°C ≤ TA ≤ +85°C (Industrial)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com