Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS473-SLSQTP Datasheet(PDF) 26 Page - Microchip Technology

Part # HCS473-SLSQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473-SLSQTP Datasheet(HTML) 26 Page - Microchip Technology

Back Button HCS473-SLSQTP Datasheet HTML 22Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 23Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 24Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 25Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 26Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 27Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 28Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 29Page - Microchip Technology HCS473-SLSQTP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
HCS473
DS40035C-page 24
Preliminary
 2002 Microchip Technology Inc.
3.2.3.1
SELECT TRANSPONDER
The SELECT TRANSPONDER sequence must imme-
diately follow the HCS473 wake-up. A 12-bit Vehicle ID
(VID) follows the 3-bit command. The 4-bit Token ID
(TID) is sent by pulsing the field to identify which tran-
sponder should respond.
The HCS473 counts each time the field is pulsed (6
LF
TE period), the first pulse setting the counter equal to
0. If the VID matched, the HCS473 will send an
Acknowledge when the TID matches the counter. Any
further TID pulses after the Acknowledge occurs will
deselect the device, putting it back to SLEEP - again
requires a wake-up sequence to communicate.
Any HCS473 that did not match both the presented VID
and TID will return to SLEEP, unselected, remaining
that way until the next wake-up pulse occurs.
The next command must begin T
TSCMD after the
Acknowledge. If the LC input is high a point T
TSCMDMIN
after the Acknowledge ends, the HCS473 will return to
SLEEP, unselected, assuming the transponder reader
is sending additional TID pulse(s) to select a different
device. A device of any TID value may therefore be
uniquely selected, regardless if a device with lower TID
has already acknowledged.
FIGURE 3-12:
TRANSPONDER SELECT SEQUENCE (RF RESPONSE EXAMPLE)
TSF
ACK
CMD
VID
T
CMD
‘0002’
TID
TTSCMD
12 bits
Command
TID=0
12-Bit
VID
ACK
Transponder Select ACK
1-16
Pulses
CMD
‘XXX’
TID=1
TID=2
TID=3
5 LFTE
6 LFTE
TTSCMD
Next
Command
Example for TID=’0011’
TTSACK
WAKE ACK
Inductive In
(LC Pins)
RF Response
(DATA Pin)
TCMD
TCMD
16-bit Device Identifier
=
[ 12-bit Vehicle ID ] [ 4-bit Token ID ]
DID
TID
VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com