Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS473ISLSQTP Datasheet(PDF) 31 Page - Microchip Technology

Part # HCS473ISLSQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473ISLSQTP Datasheet(HTML) 31 Page - Microchip Technology

Back Button HCS473ISLSQTP Datasheet HTML 27Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 28Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 29Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 30Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 31Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 32Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 33Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 34Page - Microchip Technology HCS473ISLSQTP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 29
HCS473
3.2.3.6
REQUEST HOPPING CODE
COMMAND
The REQUEST HOPPING CODE command tells the
HCS473 to increment the synchronization counter and
build the 32-bit code hopping portion of the encoder
code word.
A delay of T
HOP occurs while the HCS473 increments
the counter (updating EEPROM values) and encrypts
the response.
RFRSP determines if the response will be transmitted
on the DATA pin. If enabled, the response will be a sin-
gle K
EELOQ code hopping code word, based on
Encoder mode options. The code word will contain a
button code of ‘00002’, indicating the transmission did
not result from a button press.
LFRSP determines if the response will be transmitted
on the LC pins. The LC pin response will be the 32-bit
hopping portion of the code word, modulated PPM for-
mat.
If both RFRSP and LFRSP are enabled, the HCS473
will send the response on the DATA pin immediately fol-
lowed by the PPM response on the LC pins. Refer to
Section 3.2.1.7 for further response path details.
The next command must begin T
CMD after the code
hopping response.
FIGURE 3-17:
REQUEST HOPPING CODE SEQUENCE (RF RESPONSE EXAMPLE)
TSF
ACK
CMD
CRC
T
CMD
‘1102’2 bits
T
HOP
RESPONSE
Command
CRC
TFINH
THOP
RF Response (RFRSP=1)
Optional Next
Command
T
CMD
Next
Command
TCMD
TCMD
Inductive In
(LC Pins)
RF Response
(DATA Pin)
TCMD
TCMD
LF must remain on if following
with consecutive command
or if waiting for LF response
Wake Sequence
or
Previous Command
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com