Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS473SLROM Datasheet(PDF) 27 Page - Microchip Technology

Part # HCS473SLROM
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473SLROM Datasheet(HTML) 27 Page - Microchip Technology

Back Button HCS473SLROM Datasheet HTML 23Page - Microchip Technology HCS473SLROM Datasheet HTML 24Page - Microchip Technology HCS473SLROM Datasheet HTML 25Page - Microchip Technology HCS473SLROM Datasheet HTML 26Page - Microchip Technology HCS473SLROM Datasheet HTML 27Page - Microchip Technology HCS473SLROM Datasheet HTML 28Page - Microchip Technology HCS473SLROM Datasheet HTML 29Page - Microchip Technology HCS473SLROM Datasheet HTML 30Page - Microchip Technology HCS473SLROM Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 25
HCS473
3.2.3.2
PRESENT TRANSPORT CODE
Prior to modifying the device EEPROM, the correct 32-
bit transport code (password) must be presented to
gain write access. This is done with the PRESENT
TRANSPORT CODE command followed by the 32-bit
transport code and CRC calculated on the 3-bit com-
mand and 32 bits of data.
The HCS473 will return an Acknowledge if the trans-
port code matches the value programmed in produc-
tion; write access has been granted.
The next command (usually a write) must begin T
CMD
after the Acknowledge, Figure 3-13.
The present transport code sequence must precede a
write sequence but not necessarily immediately. Per-
haps all four user memory locations will be written and
verified. The present transport code sequence must
precede only the first write to gain write access. The
system may then alternately write and read (verify)
multiple memory locations. Write access remains until
the next time the device returns to Low Power mode -
communication error or T
CMD time out without receiving
another command.
FIGURE 3-13:
PRESENT TRANSPORT CODE SEQUENCE (RF RESPONSE EXAMPLE)
TSF
ACK
CMD
TCODE
T
CMD
‘0012’
CRC
2 bits
32 bits
Command
CRC
32-Bit
Transport
ACK
Transport ACK
TTPACK
CMD
ADR
DATA
T
CMD
WRITE Sequence
Address
Command
16-Bit
Write Data
TCMD
Write
Wake Sequence
or
Previous Command
Response
Inductive In
(LC Pins)
RF Response
(DATA Pin)
TCMD
TCMD
5 LFTE
TCMD
TFINH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com