Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS473-SLROM Datasheet(PDF) 29 Page - Microchip Technology

Part # HCS473-SLROM
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473-SLROM Datasheet(HTML) 29 Page - Microchip Technology

Back Button HCS473-SLROM Datasheet HTML 25Page - Microchip Technology HCS473-SLROM Datasheet HTML 26Page - Microchip Technology HCS473-SLROM Datasheet HTML 27Page - Microchip Technology HCS473-SLROM Datasheet HTML 28Page - Microchip Technology HCS473-SLROM Datasheet HTML 29Page - Microchip Technology HCS473-SLROM Datasheet HTML 30Page - Microchip Technology HCS473-SLROM Datasheet HTML 31Page - Microchip Technology HCS473-SLROM Datasheet HTML 32Page - Microchip Technology HCS473-SLROM Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 27
HCS473
3.2.3.4
READ Command
The transponder reader follows the 3-bit READ com-
mand with one of eight possible 3-bit address options
indicating which 16-bit EEPROM word to retrieve
(Table 3-5) and a 2-bit CRC calculated over the com-
mand and address bits.
The HCS473 retrieves the data and returns the 16-bit
response by creating a 32-bit value containing two cop-
ies of the response (Figure 3-15).
RFRSP determines if the response will be transmitted
on the DATA pin. If enabled, the response will follow the
selected Encoder mode code hopping format with the
hopping code replaced with the 32-bit response. The
transmissions will contain a button code of ‘0000’.
LFRSP determines if the response will be transmitted
on the LC pins. The LC pin response will be the 32-bit
result, modulated PPM format.
If both RFRSP and LFRSP are enabled, the HCS473
will send the response on the DATA pin immediately fol-
lowed by the PPM response on the LC pins. Refer to
Section 3.2.1.7 for further response path details.
The following locations are available to read:
• The 64-bit general purpose user EEPROM.
• The 32-bit serial number. The serial number is
also transmitted in each code hopping transmis-
sion.
• The16-bit device identifiers #1 and #2.
The next command must begin T
CMD after the read
response.
FIGURE 3-15:
READ SEQUENCE (RF RESPONSE EXAMPLE)
TSF
ACK
CMD
ADR
CRC
T
CMD
‘1002’ 3 bits 2 bits
T
READ
RESPONSE
Address
Command
CRC
TFINH
TREAD
RF Response
Inductive In
RF Response (RFRSP=1)
Wake Sequence
or
Previous Command
Response
Optional Next
Command
T
CMD
Next
Command
TCMD
TCMD
(LC Pins)
(DATA Pin)
TCMD
TCMD
LF must remain on if following
with consecutive command
or if waiting for LF response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com