Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0910AS Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0910AS
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0910AS Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0910AS Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0910AS Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0910AS Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0910AS Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0910AS Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0910AS Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P0910AS
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (Tc = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
100
1.5
2.3
4.0
±250
nA
1
10
80
A
90
S
12000
900
500
217
71
75
23
205
94
190
80
A
1.3
V
80
nS
220
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
mΩ
TEST CONDITIONS
Drain-Source On-State
Resistance
1
RDS(ON)
PARAMETER
VDS = 80V, VGS = 0V
VDS = 10V, VGS = 10V
ID(ON)
VGS = 0V, ID = 250mA
SYMBOL
V(BR)DSS
STATIC
On-State Drain Current
1
VDS = 80V, VGS = 0V , TJ = 125 °C
Drain-Source Breakdown Voltage
Fall Time
2
nS
Rise Time
2
Gate-Drain Charge
2
IF = 50A, VGS = 0V
VDD = 50V, ID @ 50A,
VGS = 10V, RGEN = 25Ω
td(on)
tr
td(off)
tf
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Turn-On Delay Time
2
Turn-Off Delay Time
2
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
Reverse Transfer Capacitance
nC
pF
Total Gate Charge
2
Input Capacitance
Output Capacitance
Qgs
Gate-Source Charge
2
VDS = 25V, ID = 65A
VGS(th)
Forward Transconductance
1
gfs
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
IDSS
Zero Gate Voltage Drain Current
Qg
VDS = 50V, VGS = 10V, ID = 50A
Ciss
Coss
Crss
Qgd
DYNAMIC
mA
VDS = VGS, ID = 250mA
V
LIMITS
Gate Threshold Voltage
VGS = 0V, VDS = 25V, f = 1MHz
VGS = 10V, ID = 65A
8.2
9.5
UNIT
Ver 1.0
2
2013/8/8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com