Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9166 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9166 Datasheet HTML 13Page - Analog Devices AD9166 Datasheet HTML 14Page - Analog Devices AD9166 Datasheet HTML 15Page - Analog Devices AD9166 Datasheet HTML 16Page - Analog Devices AD9166 Datasheet HTML 17Page - Analog Devices AD9166 Datasheet HTML 18Page - Analog Devices AD9166 Datasheet HTML 19Page - Analog Devices AD9166 Datasheet HTML 20Page - Analog Devices AD9166 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 17 of 138
Pin No.
Mnemonic
Description
M6
RESET
Reset (Active Low) Input. CMOS levels on Pin M6 are
determined with respect to VDD_IO.
M13
CS_DAC
DAC Serial Port Chip Select (Active Low) Input. CMOS
levels on Pin M13 are determined with respect to
VDD_IO.
N6 to N14
DAC_1P2_DIG
1.2 V Digital Supply Voltage for the Digital Signal
Processing (DSP) Blocks of the DAC.
P1, R1
SERDIN6+, SERDIN6−
SERDES Lane 6 Negative and Positive Inputs.
P7, P15
DAC_3P3_SYNC
3.3 V SERDES Sync Supply Voltage.
P12, R12
SYNCOUT−,
SYNCOUT+
Negative and Positive LVDS Sync (Active Low) Output
Signals.
P18, R18
SERDIN1+, SERDIN1−
SERDES Lane 1 Positive and Negative Inputs.
R10
SERPLL_LDO_BYPASS
SERDES PLL Supply Voltage Bypass. Connect this pin with
a 1 Ω resistor in series with a 1 μF capacitor to ground.
V15, V14
SERDIN2+, SERDIN2−
SERDES Lane 2 Positive and Negative Inputs.
V12, V11
SERDIN3+, SERDIN3−
SERDES Lane 3 Positive and Negative Inputs.
V7, V8
SERDIN4+, SERDIN4−
SERDES Lane 4 Negative and Positive Inputs.
V4, V5
SERDIN5+, SERDIN5−
SERDES Lane 5 Negative and Positive Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com