Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR2004ACCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADAR2004ACCZ
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ Datasheet(HTML) 1 Page - Analog Devices

  ADAR2004ACCZ Datasheet HTML 1Page - Analog Devices ADAR2004ACCZ Datasheet HTML 2Page - Analog Devices ADAR2004ACCZ Datasheet HTML 3Page - Analog Devices ADAR2004ACCZ Datasheet HTML 4Page - Analog Devices ADAR2004ACCZ Datasheet HTML 5Page - Analog Devices ADAR2004ACCZ Datasheet HTML 6Page - Analog Devices ADAR2004ACCZ Datasheet HTML 7Page - Analog Devices ADAR2004ACCZ Datasheet HTML 8Page - Analog Devices ADAR2004ACCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
10 GHz to 40 GHz, 4-Channel Rx Mixer with
4× LO Multiplier/Filter
Data Sheet
ADAR2004
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Quad LNA, mixer, IF VGA
4× LO multiplier with programmable harmonic filter
RF input frequency range: 10 GHz to 40 GHz
IF output frequency range: 0 MHz to 800 MHz
LO input frequency range: 2.4 GHz to 10.1 GHz
Gain range: 21 dB to 41 dB
Input P1dB: −20 dBm typical (at minimum gain)
Noise figure: 9 dB typical (at maximum gain)
3-wire or 4-wire SPI control
On-chip programmable state machines for fast
multiplier/filter and receiver switching and control
On-chip temperature sensor and ADC
DC power: 910 mW (2.5 V supply)
7 mm × 7 mm, 48-terminal LGA package
APPLICATIONS
Millimeter wave imaging
Security
Medical
Industrial
Multichannel receivers
GENERAL DESCRIPTION
The ADAR2004 is a 4-channel receiver IC that is optimized for
millimeter wave body scanning applications. Accepting differential
input signals from 10 GHz to 40 GHz, the ADAR2004 provides a
low intermediate frequency (IF) output up to 800 MHz. Each
receive channel also has independent gain control.
The mixer local oscillator (LO) path includes a 4× multiplier
requiring an applied LO frequency between 2.4 GHz and
10.1 GHz. The 4× multiplier block includes a programmable filter
that helps keep harmonics down before reaching the mixer.
Two programmable state machines are included to facilitate
simple configuration, control, and fast switching of the frequency
multiplier, filter, and receiver sections. These sequencers are
programmed through the serial peripheral interface (SPI) and
are then operated by pulsed inputs (reset and advance).
The ADAR2004 requires only a single 2.5 V supply with power
consumption of 910 mW with all channels turned on.
The ADAR2004 is available in a 7 × 7 mm, 48-terminal LGA
package and is specified from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
LNA
VGA
IFOUT1+
RECEIVER SEQUENCER
IFOUT1–
RFIN1+
RFIN1–
LNA
VGA
IFOUT2+
IFOUT2–
RFIN2+
RFIN2–
LNA
VGA
IFOUT3+
IFOUT3–
RFIN3+
RFIN3–
LNA
×4
VGA
IFOUT4+
IFOUT4–
RFIN4+
RFIN4–
LOIN
ADAR2004
×4
BUFFER
SPI
CONTROL
MULTIPLIER/FILTER SEQUENCER
×4
CS
SDIO
SCLK
MRST
MADV
RxRST
RxADV
SDO
MULTIPLIER/FILTER
STATE MACHINE
(16 STATES)
RECEIVER
STATE MACHINE
(16 STATES)
ADC
TEMPERATURE
SENSOR
Figure 1.


Similar Part No. - ADAR2004ACCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR2001 AD-ADAR2001 Datasheet
884Kb / 39P
10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
8/2020-Revision 0
ADAR2001-EVALZ AD-ADAR2001-EVALZ Datasheet
884Kb / 39P
10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
8/2020-Revision 0
ADAR2001ACCZ AD-ADAR2001ACCZ Datasheet
884Kb / 39P
10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
8/2020-Revision 0
ADAR2001ACCZ-R7 AD-ADAR2001ACCZ-R7 Datasheet
884Kb / 39P
10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
8/2020-Revision 0
More results

Similar Description - ADAR2004ACCZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-3040 HP-AMMC-3040 Datasheet
319Kb / 6P
18-36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
logo
API Technologies Corp
MR143M APITECH-MR143M Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143L APITECH-MR143L Datasheet
186Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143H APITECH-MR143H Datasheet
196Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR142M APITECH-MR142M Datasheet
114Kb / 1P
RF / LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142L APITECH-MR142L Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142H APITECH-MR142H Datasheet
113Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR140L APITECH-MR140L Datasheet
179Kb / 3P
RF/LO: 4 to 18 GHz IF:1 to 10 GHz
logo
Analog Devices
ADAR2001 AD-ADAR2001 Datasheet
884Kb / 39P
10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
8/2020-Revision 0
logo
Broadcom Corporation.
AMMC-3040 BOARDCOM-AMMC-3040 Datasheet
708Kb / 6P
18 - 36 GHz Double-Balanced Mixer with Integrated LO Amplifier/Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com