Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5401F Datasheet(PDF) 18 Page - Analog Devices

Part # ADG5401F
Description  Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 14Page - Analog Devices ADG5401F Datasheet HTML 15Page - Analog Devices ADG5401F Datasheet HTML 16Page - Analog Devices ADG5401F Datasheet HTML 17Page - Analog Devices ADG5401F Datasheet HTML 18Page - Analog Devices ADG5401F Datasheet HTML 19Page - Analog Devices ADG5401F Datasheet HTML 20Page - Analog Devices ADG5401F Datasheet HTML 21Page - Analog Devices ADG5401F Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADG5401F
Data Sheet
Rev. 0 | Page 18 of 32
10
7
9
8
6
5
4
3
0
10
5
15
20
25
30
VS, VD (V)
VDD = 36V
VSS = 0V
+125°C
+105°C
+25°C
+85°C
–40°C
Figure 9. On Resistance as a Function of VS,VD for Different Temperatures,
36 V Single Supply
10
–4
–2
0
2
4
6
8
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
IS, ID (ON) – –
IS (OFF) – +
ISFB (OFF) – +
IS, ID (ON) + +
ID (OFF) – +
IDFB (OFF) – +
ISFB, IDFB (ON) – –
IS (OFF) + –
IDFB (OFF) + –
ISFB, IDFB (ON) + +
ID (OFF) + –
IDFB (OFF) + –
Figure 10. Leakage Current vs. Temperature, ±15 V Dual Supply
(VBIAS Is the Bias Voltage)
12
–4
–2
0
2
4
6
8
10
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
IS, ID (ON) – –
IS (OFF) – +
ISFB (OFF) – +
IS, ID (ON) + +
ID (OFF) – +
IDFB (OFF) – +
ISFB, IDFB (ON) – –
IS (OFF) + –
IDFB (OFF) + –
ISFB, IDFB (ON) + +
ID (OFF) + –
IDFB (OFF) + –
VDD = +20V
VSS = –20V
VBIAS = +15V/–15V
Figure 11. Leakage Current vs. Temperature, ±20 V Dual Supply
7
–1
0
1
2
3
4
5
6
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
VDD = 12V
VSS = 0V
VBIAS = 1V/10V
IS, ID (ON) – –
IS (OFF) – +
ISFB (OFF) – +
IS, ID (ON) + +
ID (OFF) – +
IDFB (OFF) – +
ISFB, IDFB (ON) – –
IS (OFF) + –
IDFB (OFF) + –
ISFB, IDFB (ON) + +
ID (OFF) + –
IDFB (OFF) + –
Figure 12. Leakage Current vs. Temperature, 12 V Single Supply
12
–2
0
2
4
6
8
10
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
VDD = +36V
VSS = 0V
VBIAS = +1V/–30V
IS, ID (ON) – –
IS (OFF) – +
ISFB (OFF) – +
IS, ID (ON) + +
ID (OFF) – +
IDFB (OFF) – +
ISFB, IDFB (ON) – –
IS (OFF) + –
IDFB (OFF) + –
ISFB, IDFB (ON) + +
ID (OFF) + –
IDFB (OFF) + –
Figure 13. Leakage Current vs. Temperature, 36 V Single Supply
14
12
–2
0
2
4
6
8
10
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VS = –60V
VSFB = –60V
VS = +60V
VSFB = +60V
Figure 14. D Leakage Current vs. Temperature During Overvoltage,
±15 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com