Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8310 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8310
Description  2.0-7.0V 1.0A single channel H-bridge driver chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8310 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8310 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8310 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8310 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8310 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8310 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8310 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8310 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
- 4 -
电气特性(V
CC=3.6V, Ta=25゜C, RLOAD=20)
参数
测试条件
最小值
典型值
最大值
单位
导通阻抗
输出阻抗
RDSON
IOUT=100mA
0.70
0.84
Ω
IOUT=400mA
0.72
0.86
IN1/IN2
高电平输入电压
VINH
1.2
VCC
V
低电平输入电压
VINL
0
0.7
高电平输入电流
IINH
2.5
5.0
uA
低电平输入电流
IINL
0
1
下拉电阻
RPD
1.5
2.5
MΩ
工作电流
电路关断电流
ICC_OFF
IN1=IN2=0
0
1
uA
电路工作电流
ICC_ON
IN1=IN2=3.6V;
IN1=3.6V,
IN2=0;
IN1=0,IN2=3.6V;
65
100
过温保护
TOTSD
160
ºC
THYS
25
HM8310
2.0-7.0V 1.0A 单通道 H 桥驱动芯片



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com