Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8871 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8871
Description  AB//D class switching, overheating, undervoltage, overcurrent protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8871 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8871 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8871
A
AB
B//D
D 类
类切
切换
换、
、过
过热
热&
&欠
欠压
压&
&过
过流
流保
保护
护、
、无
无 F
FM
M 干
干扰
扰+
+5
5W
W(
(22Ω
Ω)
)
封装尺寸图
1、 MSOP8
2、 SOP8
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com