Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8871DF Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8871DF
Description  AB//D class switching, overheating, undervoltage, overcurrent protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8871DF Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8871DF Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8871DF Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8871
A
AB
B//D
D 类
类切
切换
换、
、过
过热
热&
&欠
欠压
压&
&过
过流
流保
保护
护、
、无
无 F
FM
M 干
干扰
扰+
+5
5W
W(
(22Ω
Ω)
)
引脚分布图
SOP8、ESOP8、MSOP8.封装的管脚分布图
DFN 封装的管脚分布图
管脚描述
管脚描述
管脚号
符号
描述
1
SD
掉电控制管脚,高电平有效,
2
BYP
内部共模电压旁路电容
3
MODE
AB 类/D 模式选择,默认 AB 类
4
-IN
模拟输入端,反相
5
VON
模拟输出端负极
6
VDD
电源正
7
GND
电源地
8
VOP
模拟输出端正极
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
3
HM8871
HM8871



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com