Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIO-48DH Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # PIO-48DH
Description  Bi-directional Digital I/O Board for Low Profile PCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

PIO-48DH Datasheet(HTML) 2 Page - Contec Co., Ltd

  PIO-48DH Datasheet HTML 1Page - Contec Co., Ltd PIO-48DH Datasheet HTML 2Page - Contec Co., Ltd PIO-48DH Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.12
Ver.1.11
PIO-48D(LPCI)H
2
Windows version of digital I/O driver API-DIO(98/PC) /
API-DIO(WDM)
[Stored on the bundled Disk driver library API-PAC(W32)]
The API-DIO(98/PC) is the Windows version driver library
software that provides products in the form of Win32 API
functions (DLL).
Various sample programs such as Visual
Basic and Visual C++, etc and diagnostic program useful for
checking operation is provided.
You can download the updated version from the CONTEC’s
Web site (http://www.contec.com/apipac/).
For more details
on the supported OS, applicable language and new information,
please visit
the CONTEC’s Web site.
Linux version of digital I/O driver API-DIO(LNX)
[Stored on the bundled Disk driver library API-PAC(W32)]
The API-DIO(LNX) is the Linux version driver software which
provides device drivers (modules) by shared library and kernel
version.
Various sample programs of gcc are provided.
You can download the updated version fr
om the CONTEC’s
Web site (http://www.contec.com/apipac/).
For more details
on the supported OS, applicable language and new information,
please visit the CONTEC’s Web site.
Data acquisition VI library for LabVIEW VI-DAQ (Available
for downloading (free of charge) from the CONTEC web
site.)
This is a VI library to use in National Instruments LabVIEW.
VI-DAQ is created with a function form similar to that of
LabVIEW's Data Acquisition VI, allowing you to use various
devices without complicated settings.
See http://www.contec.com/vidaq/ for details and download of
VI-DAQ.
Cable (Option)
Shielded Cable for CardBusDigital I/O Card
: DIO-68M/96F (0.5m)
Cable with 68-Pin D-sub Connector
at either Ends (Mold Type)
: PCB68PS-0.5P (0.5m)
: PCB68PS-1.5P (1.5m)
Shielded Cable
with One 68-Pin Connector
: PCA68PS-0.5P (0.5m)
: PCA68PS-1.5P (1.5m)
Accessories (Option)
Screw Terminal (M3 x 68)
: EPD-68A *1 *3
Screw Terminal (M3 x 96)
: EPD-96A *2 *3
Screw Terminal (M3.5 x 96)
: EPD-96 *2
Screw Terminal
: DTP-64(PC) *2
*1
PCB68PS-0.5P or PCB68PS-1.5P optional cable is required separately.
*2
DIO-68M/96F optional cable is required separately.
*3
“Spring-
up” type terminal is used to prevent terminal screws from falling off.
*
Check the CONTEC’s Web site for more information on these options.
Board [PIO-
48D(LPCI)H] …1
First step guide … 1
Disk *1 [API-
PAC(W32)] …1
Standard size bracket …1
Serial number label
…1
Product Registration Card & Warranty Certificate
…1
*1
The Disk
contains the driver software and User’s Guide.
PIO-48D(LPCI)H
1-A port
(8 points)
2-C port (Low)
(4 points)
Interrupt
control
Control
circuit
1-C port (Low)
(4 points)
1-C port (High)
(4 points)
1-B port
(8 points)
2-C port (High)
(4 points)
2-B port
(8 points)
2-A port
(8 points)
TTL
transceiver
TTL
transceiver
TTL
transceiver
TTL
transceiver
TTL
transceiver
TTL
transceiver
TTL
transceiver
TTL
transceiver
Connecting a Device to a Connector
The optional connector cable (DIO-68M/96F or PCA68PS-**P,
PCB68PS-**P) is used to connect the board to external devices.
The cable is used together with a terminal block to connect
external devices.
Support Software
Cable & Connector
Using the On-board Connectors
Block Diagram
Support Software
Accessories
Support Software
Cable & Connector
Packing List



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com