| Electronic Components Datasheet Search |
|
STPSC10065-Y Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPSC10065-Y Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 12 page ![]() STPSC10065-Y Package information DocID030728 Rev 3 9/12 Table 7: D²PAK package mechanical data Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.40 4.60 0.173 0.181 A1 0.03 0.23 0.001 0.009 b 0.70 0.93 0.028 0.037 b2 1.14 1.70 0.045 0.067 c 0.45 0.60 0.018 0.024 c2 1.23 1.36 0.048 0.053 D 8.95 9.35 0.352 0.368 D1 7.50 7.75 8.00 0.295 0.305 0.315 D2 1.10 1.30 1.50 0.043 0.051 0.060 E 10 10.40 0.394 0.409 E1 8.50 8.70 8.90 0.335 0.343 0.346 E2 6.85 7.05 7.25 0.266 0.278 0.282 e 2.54 0.100 e1 4.88 5.28 0.190 0.205 H 15 15.85 0.591 0.624 J1 2.49 2.69 0.097 0.106 L 2.29 2.79 0.090 0.110 L1 1.27 1.40 0.049 0.055 L2 1.30 1.75 0.050 0.069 R 0.4 0.015 V2 0° 8° 0° 8° |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |